Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS1110L Datasheet(PDF) 6 Page - Dallas Semiconductor

Part No. DS1110L
Description  3V 10-Tap Silicon Delay Line
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DALLAS [Dallas Semiconductor]
Homepage  http://www.dalsemi.com
Logo DALLAS - Dallas Semiconductor

DS1110L Datasheet(HTML) 6 Page - Dallas Semiconductor

  DS1110L Datasheet HTML 1Page - Dallas Semiconductor DS1110L Datasheet HTML 2Page - Dallas Semiconductor DS1110L Datasheet HTML 3Page - Dallas Semiconductor DS1110L Datasheet HTML 4Page - Dallas Semiconductor DS1110L Datasheet HTML 5Page - Dallas Semiconductor DS1110L Datasheet HTML 6Page - Dallas Semiconductor DS1110L Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Terminology
Period: The time elapsed between the leading edge of
the first pulse and the leading edge of the following pulse.
tWI (Pulse Width): The elapsed time on the pulse
between the 1.5V point on the leading edge and the
1.5V point on the trailing edge, or the 1.5V point on the
trailing edge and the 1.5V point on the leading edge.
tRISE (Input Rise Time): The elapsed time between the
20% and the 80% point on the leading edge of the
input pulse.
tFALL (Input Fall Time): The elapsed time between the
80% and the 20% point on the trailing edge of the input
pulse.
tPLH (Time Delay Rising): The elapsed time between
the 1.5V point on the leading edge of the input pulse
and the 1.5V point on the leading edge of any tap out-
put pulse.
tPHL (Time Delay, Falling): The elapsed time between
the 1.5V point on the trailing edge of the input pulse
and the 1.5V point on the trailing edge of any tap out-
put pulse.
Test Setup Description
Figure 3 illustrates the hardware configuration used for
measuring the timing parameters on the DS1110L. A
precision pulse generator under software control pro-
duces the input waveform. Time delays are measured
by a time interval counter (20ps resolution) connected
3V 10-Tap Silicon Delay Line
6
______________________________________________________________________
PULSE
GENERATOR
TIME
INTERVAL
COUNTER
VHF SWITCH
CONTROL UNIT
STOP
DEVICE UNDER TEST
Z0 = 50
START
Figure 3. Test Circuit


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS101010-Tap Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS111010-Tap Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS11353-in-1 High-Speed Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS10444-in-1 High-Speed Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
1519-20A10-TAP DIP DELAY LINE TD/TR = 5 1 2 3 List of Unclassifed Manufacturers
DS1135L3V 3-in-1 High-Speed Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
3D7010MONOLITHIC 10-TAP FIXED DELAY LINE SERIES 3D7010 1 2 3 4 Data Delay Devices, Inc.
DS1020Programmable 8-Bit Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DDU224F10-TAP TTL-INTERFACED FIXED DELAY LINE 1 2 3 4 Data Delay Devices, Inc.
DS10034-Tap Silicon Delay Line for RISC Applications 1 2 3 4 5 MoreDallas Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn