Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV110T Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90LV110T
Description  1 to 10 LVDS Data/Clock Distributor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV110T Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90LV110T Datasheet HTML 1Page - National Semiconductor (TI) DS90LV110T Datasheet HTML 2Page - National Semiconductor (TI) DS90LV110T Datasheet HTML 3Page - National Semiconductor (TI) DS90LV110T Datasheet HTML 4Page - National Semiconductor (TI) DS90LV110T Datasheet HTML 5Page - National Semiconductor (TI) DS90LV110T Datasheet HTML 6Page - National Semiconductor (TI) DS90LV110T Datasheet HTML 7Page - National Semiconductor (TI) DS90LV110T Datasheet HTML 8Page - National Semiconductor (TI) DS90LV110T Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DS90LV110T
1 to 10 LVDS Data/Clock Distributor
General Description
DS90LV110 isa1to10 data/clock distributor utilizing LVDS
(Low Voltage Differential Signaling) technology for low
power, high speed operation. Data paths are fully differential
from input to output for low noise generation and low pulse
width distortion. The design allows connection of 1 input to
all 10 outputs. LVDS I/O enable high speed data transmis-
sion for point-to-point interconnects. This device can be used
as a high speed differential 1 to 10 signal distribution / fanout
replacing multi-drop bus applications for higher speed links
with improved signal quality. It can also be used for clock
distribution up to 400MHz.
The DS90LV110 accepts LVDS signal levels, LVPECL levels
directly or PECL with attenuation networks.
The LVDS outputs can be put into TRI-STATE by use of the
enable pin.
For more details, please refer to the Application Information
section of this datasheet.
Features
n
Low jitter 800 Mbps fully differential data path
n
145 ps (typ) of pk-pk jitter with PRBS = 2
23−1 data
pattern at 800 Mbps
n
Single +3.3 V Supply
n
Less than 413 mW (typ) total power dissipation
n
Balanced output impedance
n
Output channel-to-channel skew is 35ps (typ)
n
Differential output voltage (V
OD) is 320mV (typ) with
100
Ω termination load.
n
LVDS receiver inputs accept LVPECL signals
n
Fast propagation delay of 2.8 ns (typ)
n
Receiver input threshold < ±100 mV
n
28 lead TSSOP package
n
Conforms to ANSI/TIA/EIA-644 LVDS standard
Connection Diagram
10133705
Order Number DS90LV110TMTC
See NS Package Number MTC28
Block Diagram
10133701
July 2001
© 2001 National Semiconductor Corporation
DS101337
www.national.com


Similar Part No. - DS90LV110T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV110T NSC-DS90LV110T Datasheet
1Mb / 12P
   1 to 10 LVDS Data/Clock Distributor
logo
Texas Instruments
DS90LV110T TI1-DS90LV110T Datasheet
1Mb / 17P
[Old version datasheet]   1 to 10 LVDS Data/Clock Distributor
logo
National Semiconductor ...
DS90LV110TMTC NSC-DS90LV110TMTC Datasheet
1Mb / 12P
   1 to 10 LVDS Data/Clock Distributor
logo
Texas Instruments
DS90LV110TMTC TI1-DS90LV110TMTC Datasheet
1Mb / 17P
[Old version datasheet]   1 to 10 LVDS Data/Clock Distributor
DS90LV110TMTC/NOPB TI1-DS90LV110TMTC/NOPB Datasheet
1Mb / 17P
[Old version datasheet]   1 to 10 LVDS Data/Clock Distributor
More results

Similar Description - DS90LV110T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV110T NSC-DS90LV110T_07 Datasheet
1Mb / 12P
   1 to 10 LVDS Data/Clock Distributor
logo
Texas Instruments
DS90LV110T TI1-DS90LV110T_14 Datasheet
1Mb / 17P
[Old version datasheet]   1 to 10 LVDS Data/Clock Distributor
logo
National Semiconductor ...
DS90LV110AT NSC-DS90LV110AT_08 Datasheet
1Mb / 12P
   1 to 10 LVDS Data/Clock Distributor with Failsafe
DS90LV110AT NSC-DS90LV110AT Datasheet
391Kb / 9P
   1 to 10 LVDS Data/Clock Distributor with Failsafe
logo
Texas Instruments
DS90LV110AT TI1-DS90LV110AT_14 Datasheet
1Mb / 17P
[Old version datasheet]   1 to 10 LVDS Data/Clock Distributor with Failsafe
logo
National Semiconductor ...
DS90LV110AT NSC-DS90LV110AT_07 Datasheet
1Mb / 12P
   1 to 10 LVDS Data/Clock Distributor with Failsafe
logo
Semtech Corporation
SK2111 SEMTECH-SK2111 Datasheet
400Kb / 6P
   1:10 DIFFERENTIAL LVDS CLOCK DRIVER
logo
NXP Semiconductors
PTN2111 PHILIPS-PTN2111 Datasheet
64Kb / 8P
   1:10 LVDS clock distribution device
2001 Jun 19
logo
Rohm
BU90RT102 ROHM-BU90RT102 Datasheet
417Kb / 19P
   70bit LVDS Distributor
logo
National Semiconductor ...
DS99R421 NSC-DS99R421_08 Datasheet
1,015Kb / 18P
   5-43 MHz FPD-Link LVDS (3 Data 1 Clock) to Single Embedded Clock DC-Balanced LVDS Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com