Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62137VSL-70ZI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY62137VSL-70ZI
Description  2-Mbit (128K x 16) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62137VSL-70ZI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY62137VSL-70ZI Datasheet HTML 3Page - Cypress Semiconductor CY62137VSL-70ZI Datasheet HTML 4Page - Cypress Semiconductor CY62137VSL-70ZI Datasheet HTML 5Page - Cypress Semiconductor CY62137VSL-70ZI Datasheet HTML 6Page - Cypress Semiconductor CY62137VSL-70ZI Datasheet HTML 7Page - Cypress Semiconductor CY62137VSL-70ZI Datasheet HTML 8Page - Cypress Semiconductor CY62137VSL-70ZI Datasheet HTML 9Page - Cypress Semiconductor CY62137VSL-70ZI Datasheet HTML 10Page - Cypress Semiconductor CY62137VSL-70ZI Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CY62137V MoBL
Document #: 38-05051 Rev. *B
Page 10 of 11
© Cypress Semiconductor Corporation, 2004. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
MoBL is a registered trademark, and More Battery Life is a trademark, of Cypress Semiconductor. All product and company
names mentioned in this document are the trademarks of their respective holders.
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
55
CY62137VLL-55ZI
Z44
44-pin TSOP II
Industrial
CY62137VSL-55ZI
70
CY62137VLL-70ZI
CY62137VSL-70ZI
CY62137VLL-70ZE
Automotive
Package Diagrams
MAX
MIN.
DIMENSION IN MM (INCH)
PLANE
SEATING
PIN 1 I.D.
44
1
18.517 (0.729)
0.800 BSC
0°-5°
0.400(0.016)
0.300 (0.012)
EJECTOR PIN
R
G
O
K
E
A
X
S
(0.0315)
18.313 (0.721)
10.058 (0.396)
10.262 (0.404)
0.597 (0.0235)
0.406 (0.0160)
0.210 (0.0083)
0.120 (0.0047)
BASE PLANE
0.10 (.004)
22
23
TOP VIEW
BOTTOM VIEW
44-Pin TSOP II Z44
51-85087-*A


Similar Part No. - CY62137VSL-70ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137V CYPRESS-CY62137V Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137VLL-55ZI CYPRESS-CY62137VLL-55ZI Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137VLL-55ZXI CYPRESS-CY62137VLL-55ZXI Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137VLL-70ZE CYPRESS-CY62137VLL-70ZE Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137VLL-70ZI CYPRESS-CY62137VLL-70ZI Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
More results

Similar Description - CY62137VSL-70ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com