Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62137VLL-70ZI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY62137VLL-70ZI
Description  2-Mbit (128K x 16) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62137VLL-70ZI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY62137VLL-70ZI Datasheet HTML 3Page - Cypress Semiconductor CY62137VLL-70ZI Datasheet HTML 4Page - Cypress Semiconductor CY62137VLL-70ZI Datasheet HTML 5Page - Cypress Semiconductor CY62137VLL-70ZI Datasheet HTML 6Page - Cypress Semiconductor CY62137VLL-70ZI Datasheet HTML 7Page - Cypress Semiconductor CY62137VLL-70ZI Datasheet HTML 8Page - Cypress Semiconductor CY62137VLL-70ZI Datasheet HTML 9Page - Cypress Semiconductor CY62137VLL-70ZI Datasheet HTML 10Page - Cypress Semiconductor CY62137VLL-70ZI Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CY62137V MoBL
Document #: 38-05051 Rev. *B
Page 9 of 11
Typical DC and AC Characteristics
Truth Table
CE
WE
OE
BHE
BLE
Inputs/Outputs
Mode
Power
H
X
X
X
X
High-Z
Deselect/Power-down
Standby (ISB)
L
X
X
H
H
High-Z
Deselect/Power-down
Standby (ISB)
L
H
L
L
L
Data Out (I/OO–I/O15)
Read
Active (ICC)
LH
LHL
Data Out (I/OO–I/O7);
I/O8–I/O15 in High-Z
Read
Active (ICC)
L
H
L
L
H
Data Out (I/O8–I/O15);
I/O0–I/O7 in High-Z
Read
Active (ICC)
L
H
H
L
L
High-Z
Deselect/Output Disabled
Active (ICC)
L
H
H
H
L
High-Z
Deselect/Output Disabled
Active (ICC)
L
H
H
L
H
High-Z
Deselect/Output Disabled
Active (ICC)
L
L
X
L
L
Data In (I/OO–I/O15)
Write
Active (ICC)
L
L
X
H
L
Data In (I/OO–I/O7);
I/O8–I/O15 in High-Z
Write
Active (ICC)
L
L
X
L
H
Data In (I/O8–I/O15);
I/O0 –I/O7 in High-Z
Write
Active (ICC)
30
35
25
15
10
5
1.0
1.9
2.8
3.7
0
20
1.2
1.4
1.0
0.6
0.4
0.2
1.7
2.2
2.7
3.2
3.7
0.0
0.8
70
80
60
40
30
20
1.0
1.9
2.8
3.7
SUPPLY VOLTAGE (V)
Access Time vs. Supply Voltage
10
50
Normalized Operating Current
Standby Current vs. Supply Voltage
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
MoBL
MoBL
MoBL
vs. Supply Voltage
2.7
2.7


Similar Part No. - CY62137VLL-70ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137VLL-70ZI CYPRESS-CY62137VLL-70ZI Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
More results

Similar Description - CY62137VLL-70ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com