Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM2662 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. LM2662
Description  Switched Capacitor Voltage Converter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

LM2662 Datasheet(HTML) 1 Page - National Semiconductor (TI)

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM2662/LM2663
Switched Capacitor Voltage Converter
General Description
The LM2662/LM2663 CMOS charge-pump voltage con-
verter inverts a positive voltage in the range of 1.5V to 5.5V
to the corresponding negative voltage. The LM2662/LM2663
uses two low cost capacitors to provide 200 mA of output
current without the cost, size, and EMI related to inductor
based converters. With an operating current of only 300 µA
and operating efficiency greater than 90% at most loads, the
LM2662/LM2663 provides ideal performance for battery
powered systems. The LM2662/LM2663 may also be used
as a positive voltage doubler.
The oscillator frequency can be lowered by adding an exter-
nal capacitor to the OSC pin. Also, the OSC pin may be used
to drive the LM2662/LM2663 with an external clock. For
LM2662, a frequency control (FC) pin selects the oscillator
frequency of 20 kHz or 150 kHz. For LM2663, an external
shutdown (SD) pin replaces the FC pin. The SD pin can be
used to disable the device and reduce the quiescent current
to 10 µA. The oscillator frequency for LM2663 is 150 kHz.
Features
n Inverts or doubles input supply voltage
n Narrow SO-8 Package
n 3.5
Ω typical output resistance
n 86% typical conversion efficiency at 200 mA
n (LM2662) selectable oscillator
frequency: 20 kHz/150 kHz
n (LM2663) low current shutdown mode
Applications
n Laptop computers
n Cellular phones
n Medical instruments
n Operational amplifier power supplies
n Interface power supplies
n Handheld instruments
Basic Application Circuits
Voltage Inverter
DS100003-1
Positive Voltage Doubler
DS100003-2
Splitting V
IN in Half
DS100003-3
January 1999
© 1999 National Semiconductor Corporation
DS100003
www.national.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM3351Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2660Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM27603.3V Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2664Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
TK65018CMOS SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR 1 2 3 4 5 TOKO, Inc
LM2766Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2665Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
TK75018SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR 1 2 3 4 5 MoreTOKO, Inc
LM2681Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2788120mA High Efficiency Step-Down Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn