Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BD6722FS Datasheet(PDF) 6 Page - Rohm

Part No. BD6722FS
Description  Multifunction Single-phase Full-wave Fan Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

BD6722FS Datasheet(HTML) 6 Page - Rohm

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6/12
Datasheet
Datasheet
BD6722FS
TSZ02201-0H1H0B100180-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
28.JUL.2012 Rev.002
www.rohm.com
TSZ22111・15・001
●Typical performance curves(Reference data)
-2
0
2
4
6
8
0
5
10
15
20
Supply voltage: Vcc[V]
Operating range
Fig.13 FG/AL output leak current
100°C
25°C
–40°C
0.0
0.2
0.4
0.6
0.8
02
468
10
Output sink current: Ifg/Ial[mA]
Fig.11 FG/AL output low voltage (Vcc=12V)
100°C
25°C
–40°C
0.0
0.2
0.4
0.6
0.8
02
468
10
Output sink current: Ifg/Ial[mA]
Fig.12 FG/AL output low voltage (Ta=25°C)
17V
12V
5V
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
Supply voltage: Vcc[V]
Operating range
Fig.14 OSC high/low voltage
100°C
25°C
–40°C
100°C
25°C
–40°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn