Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT5825 Datasheet(PDF) 5 Page - Texas Instruments

Part # PT5825
Description  16-A 12-V Input Adjustable Integrated Switching Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5825 Datasheet(HTML) 5 Page - Texas Instruments

  PT5825 Datasheet HTML 1Page - Texas Instruments PT5825 Datasheet HTML 2Page - Texas Instruments PT5825 Datasheet HTML 3Page - Texas Instruments PT5825 Datasheet HTML 4Page - Texas Instruments PT5825 Datasheet HTML 5Page - Texas Instruments PT5825 Datasheet HTML 6Page - Texas Instruments PT5825 Datasheet HTML 7Page - Texas Instruments PT5825 Datasheet HTML 8Page - Texas Instruments PT5825 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
PT5820 Series
Operating Features of the PT5820 Series of
Step-Down Integrated Switching Regulators
Under-Voltage Lockout (UVLO)
The PT5820 series of non-isolated step-down ISRs
incorporate an under-voltage lockout (UVLO) function.
The UVLO provides a clean transition during power-up
and power-down, allowing the regulator to tolerate a
slowly rising input voltage. The UVLO prevents opera-
tion of the regulator until the input voltage is at or above
above the UVLO threshold. The UVLO threshold is just
below the minimum input voltage. Until the input voltage
is above this threshold, the status of the Inhibit control
(pin 2) is overriden, and the module will not produce an
output. When the minimum input voltage of 10.8V is
applied, the output status is determined by the Inhibit
control. If the Inhibit pin is open-circuit (not grounded),
the module will automatically power up. (Note: Even
though the applied input voltage may be above the UVLO
threshold, operation to the published specifications requires
that the input voltage be at or above the minimum specified.
Operation of the module below the minimum input voltage is
not recommended).
Soft-Start Power Up
Following either the application of a valid input source
voltage, or the removal of a ground signal to the Inhibit
control pin (with input power applied), the regulator will
initiate a soft-start power up. The soft start slows the
rate at which the output voltage rises, and also introduces a
short time delay, td (approx. 10–15ms). Figure 1-1 shows
the power-up characteristic of a PT5821 (3.3V). The
delay time, td, is measured from the point at which the
input voltage rises above the UVLO threshold to when
the output voltage starts to rise. During this period the
output of the regulator will assert a low impedance to
ground. This has the effect of discharging any residual
voltage across the output capacitors, and will crowbar
any voltage supplied from external sources.
Figure 1-1; Soft-Start Power Up
Over-Current Protection
To protect against load faults, the PT5820 series incor-
porates output over-current protection. Applying a load
that exceeds the regulator’s over-current threshold (see
data sheet specifications) will cause the regulated output
to shut down. Following shutdown the ISR will periodi-
cally attempt to recover by initiating a soft-start power-up.
This is often described as a “hiccup” mode of operation,
whereby the module continues in the cycle of successive
shutdown and power up until the load fault is removed.
During this period, the average current flowing into the
fault is significantly reduced. Once the fault is removed,
the converter automatically recovers and returns to normal
operation.
Thermal Shutdown
The PT5820 series ISRs incorporate thermal shutdown,
which protects the module’s internal circuitry against
excessively high temperatures. A rise in the temperature
of the internal components may be the result of a drop
in airflow, or a high ambient temperature. If the module’s
internal temperature exceeds the shutdown threshold
(see data sheet specifications), the regulator output is
disabled and the output voltage is reduced to zero. The
recovery is automatic, and begins with a soft-start power
up. It occurs when the the sensed temperature decreases
by about 10°C below the trip point.
Note: The over-temperature protection is a last resort mecha-
nism to prevent thermal stress to the regulator. Operation at
or close to the thermal shutdown temperature is not recom-
mended and will reduce the long-term reliability of the module.
Always operate the regulator within the specified Safe Operating
Area (SOA) limits for the worst-case conditions of ambient
temperature and airflow.
Output Voltage Adjustment
The PT5820 series ISRs offer OEMs two alternative
methods of output voltage adjustment. The Margin Up
and Margin Down control inputs provide a convenient
method of adjusting the output voltage by a nominal
±5% of the factory setpoint voltage. For a more perma-
nent and precise method of adjustment, the Vo Adjust
control allows the output to be adjusted in any incre-
ment by up to ±10%. For more information on this
subject, consult the related application note on output
voltage adjustment.
Vo (2V/Div)
Vin (5V/Div)
HORIZ SCALE: 5ms/Div
td


Similar Part No. - PT5825

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT5800 ETC-PT5800 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
logo
Texas Instruments
PT5800 TI1-PT5800 Datasheet
227Kb / 13P
[Old version datasheet]   18A Output Current
logo
Tyco Electronics
PT580024 MACOM-PT580024 Datasheet
387Kb / 4P
   Miniature Relay
logo
Texas Instruments
PT5800 TI1-PT5800_14 Datasheet
227Kb / 13P
[Old version datasheet]   18A Output Current
logo
List of Unclassifed Man...
PT5801 ETC-PT5801 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT5825

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6360 TI-PT6360 Datasheet
317Kb / 14P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT6364 TI-PT6364 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT6340 TI1-PT6340 Datasheet
206Kb / 11P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6341 TI-PT6341 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6650 TI1-PT6650_13 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
logo
List of Unclassifed Man...
PT5800 ETC-PT5800 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
logo
Texas Instruments
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6460 TI-PT6460 Datasheet
192Kb / 10P
[Old version datasheet]   14-A 5-V Input Adjustable Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com