Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF50X100X Datasheet(PDF) 1 Page - Cynergy3 Co

Part # SSF50X100X
Description  Compact Float Switch with Integral Slosh Guard & Optional Check Facility
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

SSF50X100X Datasheet(HTML) 1 Page - Cynergy3 Co

  SSF50X100X Datasheet HTML 1Page - Cynergy3 Co SSF50X100X Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001CERTIFIED
SSF50 Series
Compact Float Switch with Integral Slosh Guard & Optional Check Facility
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
SSF50 2016
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
The SSF50 series is a compact vertical
float switch with an integral acrylic slosh
guard to reduce inadvertent operation in
turbulent fluids. The unit can be mounted
to a vertical surface or via a U-bolt (not
supplied) using the integrated mounting
bracket.
The metal components are manufactured
from a combination of 316 and 304 grade
stainless steels.
The switch action may be reversed by
removing the float, inverting and then
refitting it to the central stem.
The unit can be supplied complete with an
integral test facility whereby the float can
be manually raised to check the operation
of the switch.
Compact design
User configurable N/O (make on rise) or N/C (make on fall)
Custom versions can be made for particular applications. Please contact Cynergy3 with your requirements.
Bracket mounted
Stainless steel 316 & 304
Temperature up to 80ºC
With or without check facility
T
echnical Specification
Mounting style
Mounting bracket included
Cable length - standard
100cm
Cable size
17/0.16 - AWG22
Cable Entry Rating
IP67
Float & Stem material
316 and 304 grade SS
SLOSH shield material Acrylic 60mm dia x 4mm
Cable sheath material
FEP
Total Weight (-C version)
335g
Maximum pressure
20 bar
Maximum Temperature 80 C
º
Float SG
0.7
Minimum fluid SG
0.8
Electrical Specification
Contact Form
N/O (N/C)
Switching Power Max
VA
W ( )
50 (70)
Switching Voltage AC Max V
0
24
Switching Voltage DC Max V
00
2
Switching Current Max
A
0.5
All ratings are for resistive load only.
Standard Parts
Description
SSF50X100X
Without check facility
SSF50X100X-C
With check facility
www.cynergy3.com


Similar Part No. - SSF50X100X

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF53A0E SILIKRON-SSF53A0E Datasheet
259Kb / 5P
   High Power and current handing capability
SSF5506 SILIKRON-SSF5506 Datasheet
335Kb / 8P
   Advanced MOSFET process technology
logo
GOOD-ARK Electronics
SSF5506 GOOD-ARK-SSF5506 Datasheet
1Mb / 7P
   55V N-Channel MOSFET
SSF5506 GOOD-ARK-SSF5506_15 Datasheet
1Mb / 7P
   55V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF5508 SILIKRON-SSF5508 Datasheet
313Kb / 5P
   Power switching application
More results

Similar Description - SSF50X100X

ManufacturerPart #DatasheetDescription
logo
Littelfuse
59630 LITTELFUSE-59630 Datasheet
528Kb / 3P
   59630 Sensor with Integral Float Actuator
logo
Pepperl+Fuchs Inc.
LFL2-CK-U-TPK5-EMS PF-LFL2-CK-U-TPK5-EMS Datasheet
531Kb / 3P
   Float Switch
2021-07-27
logo
Cynergy3 Co
MC05A CYNERGY3-MC05A Datasheet
625Kb / 1P
   Float Switch
logo
Pepperl+Fuchs Inc.
LFL2-BK-U-TPK5-EMS PF-LFL2-BK-U-TPK5-EMS Datasheet
673Kb / 3P
   Float Switch
2021-07-27
logo
Cynergy3 Co
SSF217 CYNERGY3-SSF217 Datasheet
54Kb / 1P
   Compact external fitting float switch via BSP thread
logo
Pepperl+Fuchs Inc.
LFL2-BK-U-PUR10-EMS PF-LFL2-BK-U-PUR10-EMS Datasheet
671Kb / 3P
   Float Switch
2020-10-05
LFL2-BK-U-PUR15-EMS PF-LFL2-BK-U-PUR15-EMS Datasheet
670Kb / 3P
   Float Switch
2020-10-05
LFL2-BK-U-PUR5-EMS PF-LFL2-BK-U-PUR5-EMS Datasheet
670Kb / 3P
   Float Switch
2020-10-05
LFL2-CK-U-PUR5-EMS PF-LFL2-CK-U-PUR5-EMS Datasheet
528Kb / 3P
   Float Switch
2020-10-05
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com