Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ9945AEY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQ9945AEY
Description  Dual N-Channel 60 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ9945AEY Datasheet(HTML) 2 Page - Vishay Siliconix

  SQ9945AEY Datasheet HTML 1Page - Vishay Siliconix SQ9945AEY Datasheet HTML 2Page - Vishay Siliconix SQ9945AEY Datasheet HTML 3Page - Vishay Siliconix SQ9945AEY Datasheet HTML 4Page - Vishay Siliconix SQ9945AEY Datasheet HTML 5Page - Vishay Siliconix SQ9945AEY Datasheet HTML 6Page - Vishay Siliconix SQ9945AEY Datasheet HTML 7Page - Vishay Siliconix SQ9945AEY Datasheet HTML 8Page - Vishay Siliconix SQ9945AEY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
Document Number: 74499
2
S-81559-Rev. B, 23-Oct-08
SQ9945AEY
Vishay Siliconix
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
-
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.0
-
3.0
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = 60 V
-
-
1.0
µA
VGS = 0 V
VDS = 60 V
-
-
10
VGS = 0 V
VDS = 60 V, TJ = 55 °C
-
-
-
On-State Drain Currenta
ID(on)
VGS = 10 V
VDS ≥ 5 V
20
-
-
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V
ID = 3.7 A
-
0.060
0.080
Ω
VGS = 10 V
ID = 30 A, TJ = 125 °C
-
-
-
VGS = 10 V
ID = 30 A, TJ = 175 °C
-
-
-
Forward Transconductancea
gfs
VDS = 15 V, ID = 3.7 A
-
-
11
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V
VDS = 25 V, f = 1 MHz
--
-
pF
Output Capacitance
Coss
--
-
Reverse Transfer Capacitance
Crss
--
-
Total Gate Chargec
Qg
VGS = 10 V
VDS = 30 V, ID = 3.7 A
-11
20
nC
Gate-Source Chargec
Qgs
-2
-
Gate-Drain Chargec
Qgd
-2
-
Turn-On Delay Time c
td(on)
VDD = 30 V, RL = 30 Ω
ID ≅ 1 A, VGEN = 10 V, Rg = 6 Ω
-9
20
ns
Rise Timec
tr
-10
20
Turn-Off Delay Timec
td(off)
-21
40
Fall Timec
tf
-8
20
Source-Drain Diode Ratings and Characteristics TC = 25 °Cb
Pulsed Currenta
ISM
--
-
A
Forward Voltage
VSD
IF = 85 A, VGS = 0 V
-
-
-
V
Reverse Recovery Time
trr
IF = 2 A, dI/dt = 100 A/µs
-45
80
ns
Peak Reverse Recovery Current
IRM(REC)
--
-
A
Reverse Recovery Charge
Qrr
--
-
µC


Similar Part No. - SQ9945AEY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ9945AEY VISHAY-SQ9945AEY Datasheet
129Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ9945AEY-T1 VISHAY-SQ9945AEY-T1 Datasheet
129Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SQ9945AEY-T1-E3 VBSEMI-SQ9945AEY-T1-E3 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Vishay Siliconix
SQ9945AEY-T1-E3 VISHAY-SQ9945AEY-T1-E3 Datasheet
129Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ9945AEY VISHAY-SQ9945AEY_V01 Datasheet
129Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQ9945AEY

ManufacturerPart #DatasheetDescription
logo
Analog Power
AMA960N ANALOGPOWER-AMA960N Datasheet
354Kb / 5P
   Dual N-Channel 60-V (D-S) MOSFET
AM7962N ANALOGPOWER-AM7962N Datasheet
69Kb / 2P
   Dual N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI9945BDY VISHAY-SI9945BDY Datasheet
271Kb / 10P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. A, 02-Mar-09
logo
VBsemi Electronics Co.,...
2N7002KDW VBSEMI-2N7002KDW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
VBK362K VBSEMI-VBK362K Datasheet
494Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
SI1926DL-T1-GE3 VBSEMI-SI1926DL-T1-GE3 Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1926DL VISHAY-SI1926DL_V01 Datasheet
252Kb / 11P
   Dual N-Channel 60 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
435YW VBSEMI-435YW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
UM6K31NTN VBSEMI-UM6K31NTN Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
UM6K33NTN VBSEMI-UM6K33NTN Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SIS9634LDN VISHAY-SIS9634LDN Datasheet
209Kb / 7P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. A, 26-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com