Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIA936EDJ Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIA936EDJ
Description  Dual N-Channel 20 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA936EDJ Datasheet(HTML) 4 Page - Vishay Siliconix

  SIA936EDJ Datasheet HTML 1Page - Vishay Siliconix SIA936EDJ Datasheet HTML 2Page - Vishay Siliconix SIA936EDJ Datasheet HTML 3Page - Vishay Siliconix SIA936EDJ Datasheet HTML 4Page - Vishay Siliconix SIA936EDJ Datasheet HTML 5Page - Vishay Siliconix SIA936EDJ Datasheet HTML 6Page - Vishay Siliconix SIA936EDJ Datasheet HTML 7Page - Vishay Siliconix SIA936EDJ Datasheet HTML 8Page - Vishay Siliconix SIA936EDJ Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SiA936EDJ
www.vishay.com
Vishay Siliconix
S13-2624-Rev. A, 23-Dec-13
4
Document Number: 62929
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Gate Charge
Source-Drain Diode Forward Voltage
Threshold Voltage
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power (Junction-to-Ambient)
0
2
4
6
8
10
0
3
6
9
12
Q
g - Total Gate Charge (nC)
V
DS = 16 V
V
DS = 5 V
V
DS = 10 V
I
D = 6 A
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
SD - Source-to-Drain Voltage (V)
T
J = 150 °C
T
J = 25 °C
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
- 50
- 25
0
25
50
75
100
125
150
T
J -Temperature (°C)
I
D = 250 μA
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
V
GS = 2.5 V
V
GS = 4.5V, 3.7V
I
D = 4 A
0
0.02
0.04
0.06
0.08
0.10
0
1
2
3
4
5
V
GS - Gate-to-Source Voltage (V)
T
J = 125 °C
T
J = 25 °C
I
D = 4 A
1000
100
1
0.001
0.01
0.1
10
Pulse (s)
20
10
5
15
0


Similar Part No. - SIA936EDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA931DJ VISHAY-SIA931DJ Datasheet
277Kb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. A, 13-May-13
SIA931DJ VISHAY-SIA931DJ Datasheet
365Kb / 9P
   Dual P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SIA931DJ-T1-GE3 VISHAY-SIA931DJ-T1-GE3 Datasheet
365Kb / 9P
   Dual P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SIA931DJ VISHAY-SIA931DJ_V01 Datasheet
365Kb / 9P
   Dual P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SIA938DJT VISHAY-SIA938DJT Datasheet
317Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIA936EDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI1024X VISHAY-SI1024X_08 Datasheet
113Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com