Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC05BH Datasheet(PDF) 1 Page - Cynergy3 Co

Part No. MC05BH
Description  Float Switch
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYNERGY3 [Cynergy3 Co]
Homepage  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

MC05BH Datasheet(HTML) 1 Page - Cynergy3 Co

  MC05BH Datasheet HTML 1Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The
cable end float switch
MC Series
-
is insensitive to humidity and condensation and is
designed to control liquids up to 130 C and a maximum pressure of 4 bar. Because of the
º
temperature at which this float switch is used, the outer casing is made from 304 AISI
stainless steel and the 5m electric cable is equipped with an outer sheath resistant to high
temperature. Two cable types are available - polyurethane and silicone, to suit the fluid
being measured.
The switching element is a microswitch, with
, activated by a
gold plated contents
moving stainless steel ball and having an electrical life of 200,000 operations. Non-
hygroscopic closed cell expanded polyurethane is injected around the switch housing
within the outer casing, hermetically sealing the unit. The microswitch is suitable for
low power applications such as
use and other electronic uses.
PLC
When used with the
it
suitable
Note, the cable is
polyurethane cable is
for use in fuel oils.
non-replaceable, in case of damage the whole device must be replaced.
Each unit is supplied complete with a counterweight
MC Series Float Switch
• Low power
switching
• Cable mounting
• Up to 130ºC
capability
C
Ltd
ynergy3 Components
7 Cobham Road
Ferndown Industrial Estate
Wimborne
Dorset
21 7
BH
PE
Tel: +44 (0) 1202 897969
sales cynergy3
@
.com
www.cynergy3.com
www.cynergy3.com
ISO 9001 C ERTIFIED
© 2016 Cynergy3 omponents, All Rights Reserved.
C
Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
MC 2016
Technical Specifications
Part No.
MC05A
MC05AH
MC05B
MC05BH
Contact Form
Switching Current Max. Resistive (A)
Power Rating (VA)
Max DC V
Cable Material
Polyurethane
Silicone
Polyurethane
Silicone
Cable length
Body Material
Temp Range °C
0 / +80
0 / +130
0 / +80
0 / +130
°F
+ 32 / +176
+ 32 / + 266
+ 32 / +176
+ 32 / + 266
Max. working pressure bar
5m with protective earth wire included
0.25
3
60
304 Stainless steel
4
N/C
N/O
Silicone
cable (red)
Polyurethane
cable (blue)
Side Mount
(thru side wall)
Top Mount
(using counterweight)


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn