Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1726995026 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 1726995026
Description  Impact zX2 95 Ohm 4 Pair Right Angle Daughtercard Receptacle, Right Guided
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1726995026 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1726995026 Datasheet HTML 1Page - Molex Electronics Ltd. 1726995026 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 11/28/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1726995026
Status:
Active
Overview:
Impact™ Backplane Connector and Cable Assembly System
Description:
Impact™ zX2 95 Ohm 4 Pair Right Angle Daughtercard Receptacle, Right Guided, 16
Columns, 256 Circuits, Plated Through Hole Dimension 0.36mm, Lead-Free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Backplane Connectors
Series
172699
Application
Daughtercard
Component Type
PCB Receptacle
Overview
Impact™ Backplane Connector and Cable Assembly
System
Product Name
Impact™ zX2
UPC
889056470940
Physical
Circuits (Loaded)
256
Circuits (maximum)
256
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Guide to Mating Part
Yes
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Performance Thermoplastic
Net Weight
75.285/g
Number of Columns
16
Number of Pairs
4
Number of Rows
16
Orientation
Right Angle
PC Tail Length
1.40mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness - Recommended
1.00mm
Packaging Type
Tray
Pitch - Mating Interface
1.35mm, 1.90mm
Pitch - Termination Interface
1.35mm, 1.90mm
Plating min - Mating
0.762µm
Polarized to PCB
No
Stackable
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
0.75A
Data Rate
28.0 Gbps
Impedance
95Ω
Shield Type
Ground Plane Shield
Shielded
Yes
Voltage - Maximum
150V AC (RMS)
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
172699 Series
Mates With
Impact™ Backplane Header 76155


Similar Part No. - 1726995026

ManufacturerPart No.DatasheetDescription
Molex Electronics Ltd.
Molex Electronics Ltd.
1726995026 MOLEX1-1726995026_17 Datasheet
63Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Daughtercard Receptacle, Right Guided
More results

Similar Description - 1726995026

ManufacturerPart No.DatasheetDescription
Molex Electronics Ltd.
Molex Electronics Ltd.
1726995026 MOLEX1-1726995026_17 Datasheet
63Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Daughtercard Receptacle, Right Guided
1726995020 MOLEX11-1726995020 Datasheet
54Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Daughtercard Receptacle, Right Guided
1726995020 MOLEX1-1726995020_17 Datasheet
55Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Daughtercard Receptacle, Right Guided
1726993020 MOLEX11-1726993020 Datasheet
57Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Daughtercard Receptacle, Left Guided
1726993038 MOLEX11-1726993038 Datasheet
56Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Daughtercard Receptacle, Left Guided
1726993038 MOLEX1-1726993038_17 Datasheet
58Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Daughtercard Receptacle, Left Guided
1726993020 MOLEX1-1726993020_17 Datasheet
65Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Daughtercard Receptacle, Left Guided
1726991020 MOLEX1-1726991020_17 Datasheet
61Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Daughtercard Receptacle, Unguided
1726991020 MOLEX11-1726991020 Datasheet
61Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Daughtercard Receptacle, Unguided
1727003038 MOLEX11-1727003038 Datasheet
53Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Orthogonal Daughtercard, Left Guided
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz