Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3G250-RE09-07 Datasheet(PDF) 1 Page - ebm-papst

Part # R3G250-RE09-07
Description  EC centrifugal fan - RadiCal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

R3G250-RE09-07 Datasheet(HTML) 1 Page - ebm-papst

  R3G250-RE09-07 Datasheet HTML 1Page - ebm-papst R3G250-RE09-07 Datasheet HTML 2Page - ebm-papst R3G250-RE09-07 Datasheet HTML 3Page - ebm-papst R3G250-RE09-07 Datasheet HTML 4Page - ebm-papst R3G250-RE09-07 Datasheet HTML 5Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EC centrifugal fan - RadiCal®
backward curved
R3G250-RE09-07
ebm-papst Mulfingen GmbH & Co. KG
Bachmühle 2 · D-74673 Mulfingen
Phone +49 7938 81-0
Fax +49 7938 81-110
info1@de.ebmpapst.com
www.ebmpapst.com
Limited partnership · Headquarters Mulfingen
County court Stuttgart · HRA 590344
General partner Elektrobau Mulfingen GmbH · Headquarters Mulfingen
County court Stuttgart · HRB 590142
Nominal data
Type
R3G250-RE09-07
Motor
M3G055-DF
Phase
1~
Nominal voltage
VAC
230
Nominal voltage range
VAC
200 .. 240
Frequency
Hz
50/60
Type of data definition
ml
Speed
min-1
2510
Power input
W
170
Current draw
A
1.4
Min. ambient temperature
°C
-25
Max. ambient temperature
°C
+60
ml = max. load · me = max. efficiency · fa = running at free air · cs = customer specs · cu = customer unit
Subject to alterations
Data according to ErP directive
Installation category
A
Efficiency category
Static
Variable speed drive
Yes
Specific ratio*
1.00
* Specific ratio = 1 + p
fs / 100 000 Pa
Actual
Request 2013
Request 2015
Overall efficiency ηes
60.1
39.4
43.4
Efficiency grade N
78.7
58
62
Power input Ped
kW
0.17
Air flow qv
m³/h
1005
Pressure increase pfs
Pa
322
Speed n
min-1
2555
Data established at point of optimum efficiency
Item no. 51152-5-9980 · Revision 75542 · Release 2012-11-06 · Page 1 / 5
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone +49 (0) 7938 81-0 · Fax +49 (0) 7938 81-110 · info1@de.ebmpapst.com · www.ebmpapst.com


Similar Part No. - R3G250-RE09-07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R3G250-RE07-07 ETC2-R3G250-RE07-07 Datasheet
716Kb / 2P
   EC centrifugal fans - RadiCal짰 Series R3G250 RE 횠250 mm
logo
ebm-papst
R3G250-RE07-07 EBMPAPST-R3G250-RE07-07 Datasheet
716Kb / 2P
   EC centrifugal fans - RadiCal
More results

Similar Description - R3G250-RE09-07

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R3G190-RC05-03 EBMPAPST-R3G190-RC05-03 Datasheet
546Kb / 5P
   EC centrifugal fan - RadiCal
2016-04-29
R3G310-RS05-J1 EBMPAPST-R3G310-RS05-J1 Datasheet
1Mb / 5P
   EC centrifugal fan - RadiCal
R3G310-RS01-I1 EBMPAPST-R3G310-RS01-I1 Datasheet
1Mb / 6P
   EC centrifugal fan-RadiCal
R3G250-RE EBMPAPST-R3G250-RE Datasheet
716Kb / 2P
   EC centrifugal fans - RadiCal
R3G225-RE EBMPAPST-R3G225-RE Datasheet
671Kb / 2P
   EC centrifugal fans - RadiCal
R3G190-RD EBMPAPST-R3G190-RD Datasheet
673Kb / 2P
   EC centrifugal fans - RadiCal
R3G220-RD EBMPAPST-R3G220-RD Datasheet
723Kb / 2P
   EC centrifugal fans - RadiCal
R4E310-RA06-01 EBMPAPST-R4E310-RA06-01 Datasheet
795Kb / 5P
   AC centrifugal fan - RadiCal
R3G310-AX54-21 EBMPAPST-R3G310-AX54-21 Datasheet
1Mb / 6P
   EC centrifugal fan - RadiPac
R3G310-BB49-03 EBMPAPST-R3G310-BB49-03 Datasheet
1Mb / 6P
   EC centrifugal fan - RadiPac
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com