Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91FR40162 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT91FR40162
Description  AT91 ARM Thumb Microcontrollers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91FR40162 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT91FR40162 Datasheet HTML 2Page - ATMEL Corporation AT91FR40162 Datasheet HTML 3Page - ATMEL Corporation AT91FR40162 Datasheet HTML 4Page - ATMEL Corporation AT91FR40162 Datasheet HTML 5Page - ATMEL Corporation AT91FR40162 Datasheet HTML 6Page - ATMEL Corporation AT91FR40162 Datasheet HTML 7Page - ATMEL Corporation AT91FR40162 Datasheet HTML 8Page - ATMEL Corporation AT91FR40162 Datasheet HTML 9Page - ATMEL Corporation AT91FR40162 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
AT91FR40162
2632C–ATARM–03/04
Architectural
Overview
The AT91FR40162 integrates Atmel’s AT91R40008 ARM Thumb processor and an
AT49BV1604A/1614A 2-Mbyte (16-Mbit) Flash memory die in a single compact 121-ball
BGA package. The address, data and control signals, except the Flash memory enable,
are internally interconnected.
The AT91R40008 architecture consists of two main buses, the Advanced System Bus
(ASB) and the Advanced Peripheral Bus (APB). Designed for maximum performance
and controlled by the memory controller, the ASB interfaces the ARM7TDMI processor
with the on-chip 32-bit SRAM memory, the External Bus Interface (EBI) connected to
the encapsulated Flash and the AMBA
Bridge. The AMBA Bridge drives the APB,
which is designed for accesses to on-chip peripherals and optimized for low power
consumption.
The AT91FR40162 implements the ICE port of the ARM7TDMI processor on dedicated
pins, offering a complete, low-cost and easy-to-use debug solution for target debugging.
Memories
The AT91FR40162 embeds 256K bytes of internal SRAM. The internal memory is
directly connected to the 32-bit data bus and is single-cycle accessible. This provides
maximum performance of 67 MIPS at 75 MHz by using the ARM instruction set of the
processor, minimizing system power consumption and improving on the performance of
separate memory solutions.
The AT91FR40162 features an External Bus Interface (EBI), which enables connection
of external memories and application-specific peripherals. The EBI supports 8- or 16-bit
devices and can use two 8-bit devices to emulate a single 16-bit device. The EBI imple-
ments the early read protocol, enabling faster memory accesses than standard memory
interfaces.
The AT91FR40162 encapsulates a Flash memory organized as 1024K 16-bit words,
accessed via the EBI. A 16-bit Thumb instruction can be loaded from Flash memory in a
single access. Separate MCU and Flash memory reset inputs (NRST and NRSTF) are
provided for maximum flexibility. The user is thus free to tailor the reset operation to the
application.
The AT91FR40162 integrates resident boot software called AT91 Flash Uploader soft-
ware in the encapsulated Flash. The AT91 Flash Uploader software is able to upload
program application software into its Flash memory.
Peripherals
The AT91FR40162 integrates several peripherals, which are classified as system or
user peripherals.
All on-chip peripherals are 32-bit accessible by the AMBA Bridge, and can be pro-
grammed with a minimum number of instructions. The peripheral register set is
composed of control, mode, data, status and enable/disable/status registers.
An on-chip Peripheral Data Controller (PDC) transfers data between the on-chip
USARTs and on- and off-chip memory address space without processor intervention.
Most importantly, the PDC removes the processor interrupt handling overhead, making
it possible to transfer up to 64K contiguous bytes without reprogramming the start
address, thus increasing the performance of the microcontroller, and reducing the power
consumption.
System Peripherals
The External Bus Interface (EBI) controls the external memory or peripheral devices via
an 8- or 16-bit databus and is programmed through the APB. Each chip select line has
its own programming register.


Similar Part No. - AT91FR40162

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91FR40162 ATMEL-AT91FR40162 Datasheet
196Kb / 21P
   AT91 ARM Thumb Microcontrollers
AT91FR40162-CI ATMEL-AT91FR40162-CI Datasheet
196Kb / 21P
   AT91 ARM Thumb Microcontrollers
AT91FR40162S ATMEL-AT91FR40162S Datasheet
224Kb / 18P
   AT91 ARM Thumb Microcontrollers
AT91FR40162S-CJ ATMEL-AT91FR40162S-CJ Datasheet
224Kb / 18P
   AT91 ARM Thumb Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
689Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
More results

Similar Description - AT91FR40162

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
   AT91 ARM Thumb Microcontrollers
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
   AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800_1 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A_06 Datasheet
2Mb / 224P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE128 ATMEL-AT91SAM9XE128_10 Datasheet
1Mb / 48P
   AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com