Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB100N04S4-H2 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPB100N04S4-H2
Description  OptiMOS짰-T2 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB100N04S4-H2 Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPB100N04S4-H2 Datasheet HTML 1Page - Infineon Technologies AG IPB100N04S4-H2 Datasheet HTML 2Page - Infineon Technologies AG IPB100N04S4-H2 Datasheet HTML 3Page - Infineon Technologies AG IPB100N04S4-H2 Datasheet HTML 4Page - Infineon Technologies AG IPB100N04S4-H2 Datasheet HTML 5Page - Infineon Technologies AG IPB100N04S4-H2 Datasheet HTML 6Page - Infineon Technologies AG IPB100N04S4-H2 Datasheet HTML 7Page - Infineon Technologies AG IPB100N04S4-H2 Datasheet HTML 8Page - Infineon Technologies AG IPB100N04S4-H2 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IPB100N04S4-H2
IPI100N04S4-H2, IPP100N04S4-H2
Parameter
Symbol
Conditions
Unit
min.
typ.
max.
Dynamic characteristics
2)
Input capacitance
C iss
-
5520
7180
pF
Output capacitance
C oss
-
1250
1750
Reverse transfer capacitance
Crss
-
42
97
Turn-on delay time
t d(on)
-
18
-
ns
Rise time
t r
-
13
-
Turn-off delay time
t d(off)
-
19
-
Fall time
t f
-
21
-
Gate Charge Characteristics
2)
Gate to source charge
Q gs
-
32
42
nC
Gate to drain charge
Q gd
-
10
23
Gate charge total
Q g
-
70
90
Gate plateau voltage
V plateau
-
5.5
-
V
Reverse Diode
Diode continous forward current
2)
I S
-
-
100
A
Diode pulse current
2)
I S,pulse
-
-
400
Diode forward voltage
V SD
V GS=0V, I F=100A,
T j=25°C
-
0.9
1.3
V
Reverse recovery time
2)
t rr
V R=20V, I F=50A,
di F/dt =100A/µs
-
48
-
ns
Reverse recovery charge
2)
Q rr
-
54
-
nC
2) Defined by design. Not subject to production test.
3) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
1) Current is limited by bondwire; with an R
thJC = 1.3K/W the chip is able to carry 172A at 25°C.
T C=25°C
Values
V GS=0V, V DS=25V,
f =1MHz
V DD=20V, V GS=10V,
I D=100A, R G=3.5W
V DD=32V, I D=100A,
V GS=0 to 10V
Rev. 1.0
page 3
2012-07-02


Similar Part No. - IPB100N04S4-H2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB100N04S4-H2 INFINEON-IPB100N04S4-H2 Datasheet
165Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2010-04-13
More results

Similar Description - IPB100N04S4-H2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD25N06S4L-30 INFINEON-IPD25N06S4L-30_15 Datasheet
233Kb / 9P
   OptiMOS짰-T2 Power-Transistor
Rev. 1.1 2015-10-07
IPB160N04S4-H1 INFINEON-IPB160N04S4-H1_12 Datasheet
127Kb / 9P
   OptiMOS짰-T2 Power-Transistor
Rev. 1.0 2012-02-14
IPB45N06S3L-13_0711 INFINEON-IPB45N06S3L-13_0711 Datasheet
193Kb / 9P
   OptiMOS짰-T2 Power-Transistor
Rev. 1.1 2007-11-07
IPB110N06LG INFINEON-IPB110N06LG Datasheet
448Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-05-04
IPP80N04S2L-03 INFINEON-IPP80N04S2L-03 Datasheet
154Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPP80N04S2-H4 INFINEON-IPP80N04S2-H4 Datasheet
160Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPG20N06S2L-50A INFINEON-IPG20N06S2L-50A Datasheet
202Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2013-02-28
IPB070N06NG INFINEON-IPB070N06NG Datasheet
446Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.01 2006-06-19
IPD127N06LG INFINEON-IPD127N06LG Datasheet
389Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-04-13
IPD230N06LG INFINEON-IPD230N06LG Datasheet
392Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-06-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com