Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB120N04S4L02 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPB120N04S4L02
Description  OptiMOSTM-T2 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB120N04S4L02 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPB120N04S4L02 Datasheet HTML 1Page - Infineon Technologies AG IPB120N04S4L02 Datasheet HTML 2Page - Infineon Technologies AG IPB120N04S4L02 Datasheet HTML 3Page - Infineon Technologies AG IPB120N04S4L02 Datasheet HTML 4Page - Infineon Technologies AG IPB120N04S4L02 Datasheet HTML 5Page - Infineon Technologies AG IPB120N04S4L02 Datasheet HTML 6Page - Infineon Technologies AG IPB120N04S4L02 Datasheet HTML 7Page - Infineon Technologies AG IPB120N04S4L02 Datasheet HTML 8Page - Infineon Technologies AG IPB120N04S4L02 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Data Sheet
IPB120N04S4L-02
Parameter
Symbol
Conditions
Unit
min.
typ.
max.
Thermal characteristics
2)
Thermal resistance, junction - case
R thJC
-
-
-
0.95
K/W
Electrical characteristics,
at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0V, I D= 1mA
40
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=110µA
1.2
1.7
2.2
Zero gate voltage drain current
I DSS
V DS=40V, V GS=0V
-0.05
1
µA
V DS=18V, V GS=0V,
T j=85°C
2)
-1
20
Gate-source leakage current
I GSS
V GS=20V, V DS=0V
-
-
100
nA
Drain-source on-state resistance
R DS(on)
V GS=4.5V, I D=50A
-1.9
2.3
m
Ω
V GS=10 V, I D=100 A
-1.4
1.7
Values
Rev. 1.0
page 2
2013-06-03


Similar Part No. - IPB120N04S4L02

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB120N04S4L-02 INFINEON-IPB120N04S4L-02 Datasheet
209Kb / 9P
   N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-06-03
More results

Similar Description - IPB120N04S4L02

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB180N10S4-02 INFINEON-IPB180N10S4-02 Datasheet
210Kb / 9P
   OptiMOSTM-T2 Power-Transistor
Rev. 1.0 2013-01-30
IPD60N10S4L-12 INFINEON-IPD60N10S4L-12 Datasheet
136Kb / 9P
   OptiMOSTM-T2 Power-Transistor
Rev. 1.0 2011-11-30
ITD50N04S4L-07 INFINEON-ITD50N04S4L-07 Datasheet
219Kb / 9P
   OptiMOSTM-T2 Power-Transistor
Rev. 1.0 2013-06-05
BSC072N04LD INFINEON-BSC072N04LD Datasheet
1Mb / 10P
   OptiMOSTM-T2 Power Transistor, 40 V
Rev. 2.0, 2018-12-11
BSC076N04ND INFINEON-BSC076N04ND Datasheet
1Mb / 11P
   OptiMOSTM-T2 Power Transistor, 40 V
Rev. 2.0, 2018-12-11
IPD053N06N INFINEON-IPD053N06N Datasheet
498Kb / 9P
   OptiMOSTM Power-Transistor
Rev.2.2 2012-12-20
BSZ068N06NS INFINEON-BSZ068N06NS Datasheet
697Kb / 9P
   OptiMOSTM Power-Transistor
Rev.2.0 2013-10-17
BSC014N06NS INFINEON-BSC014N06NS_13 Datasheet
556Kb / 10P
   OptiMOSTM Power-Transistor
Rev.2.1 2013-01-29
IPB026N06N INFINEON-IPB026N06N Datasheet
606Kb / 9P
   OptiMOSTM Power-Transistor
Rev.2.2 2012-12-20
IPB057N06N INFINEON-IPB057N06N Datasheet
614Kb / 9P
   OptiMOSTM Power-Transistor
Rev.2.2 2012-12-20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com