Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD65R1K4C6 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IPD65R1K4C6
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD65R1K4C6 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IPD65R1K4C6 Datasheet HTML 7Page - Infineon Technologies AG IPD65R1K4C6 Datasheet HTML 8Page - Infineon Technologies AG IPD65R1K4C6 Datasheet HTML 9Page - Infineon Technologies AG IPD65R1K4C6 Datasheet HTML 10Page - Infineon Technologies AG IPD65R1K4C6 Datasheet HTML 11Page - Infineon Technologies AG IPD65R1K4C6 Datasheet HTML 12Page - Infineon Technologies AG IPD65R1K4C6 Datasheet HTML 13Page - Infineon Technologies AG IPD65R1K4C6 Datasheet HTML 14Page - Infineon Technologies AG IPD65R1K4C6 Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
650VCoolMOS™C6PowerTransistor
IPD65R1K4C6
Rev.2.0,2013-07-26
Final Data Sheet
Diagram13:Typ.capacitances
VDS[V]
0
100
200
300
400
500
600
100
101
102
103
104
Ciss
Coss
Crss
C=f(VDS);VGS=0V;f=1MHz
Diagram14:Typ.Cossstoredenergy
VDS[V]
0
100
200
300
400
500
600
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
Eoss=f(VDS)
Diagram15:Forwardcharacteristicsofreversediode
VSD[V]
0.0
0.5
1.0
1.5
2.0
10-1
100
101
125 °C
25 °C
IF=f(VSD);parameter:Tj


Similar Part No. - IPD65R1K4C6

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD65R1K4C6 ISC-IPD65R1K4C6 Datasheet
336Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IPD65R1K4C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com