Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTCP-HS-24-51 Datasheet(PDF) 2 Page - Technology Dynamics Inc.

Part # PTCP-HS-24-51
Description  HOT SWAP POWER SYSTEMS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHNOLOGY [Technology Dynamics Inc.]
Direct Link  http://technologydynamicsinc.com/
Logo TECHNOLOGY - Technology Dynamics Inc.

PTCP-HS-24-51 Datasheet(HTML) 2 Page - Technology Dynamics Inc.

  PTCP-HS-24-51 Datasheet HTML 1Page - Technology Dynamics Inc. PTCP-HS-24-51 Datasheet HTML 2Page - Technology Dynamics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL SELECTION
Assuming 3 modules per rack shelf
Low Voltage Battery Disconnect
The LVBD module adds a new dimension to battery backup
power supplies. The power supply simultaneously charges
the battery and powers the load. If the AC power fails, the
battery continues to support the load. However, when the
battery voltage drops below a predetermined level, the LVBD
module disconnects the battery from the load, thereby
protecting the battery from the damaging effects of complete
discharge.
CONFORMAL COATING
RUGGEDIZED/MILITARIZED
BATTERY BACK-UP
MS CONNECTOR
EMI FILTERING (MIL-STD-461)
-MIL
-LVDB
-MSC
-EMI
-CC
OPTION DESIGNATIONS
MECHANICAL OUTLINE
PTCP-HS-5-180
3.3/5V
180A
PTCP-HS-5-240
240A
PTCP-HS-12-102
12V
102A
PTCP-HS-12-150
150A
PTCP-HS-15-81
15V
81A
PTCP-HS-15-120
120A
PTCP-HS-24-51
24V
51A
PTCP-HS-24-75
75A
PTCP-HS-24-123
123A
PTCP-HS-36-33
36V
33A
PTCP-HS-36-48
48A
PTCP-HS-48-24
48V
24A
PTCP-HS-48-36
36A
PTCP-HS-48-60
60A
1200W OR 400W PER MODULE
1800W OR 600W PER MODULE
3000W OR 1000W PER MODULE
MODEL
NOMINAL
VOLTAGE
(VDC)
MAXIMUM
CURRENT
(ADC)
MODEL
MAXIMUM
CURRENT
(ADC)
MODEL
MAXIMUM
CURRENT
(ADC)
Consult Factory
Consult Factory
GOOD
OUTPUT
OUTPUT
GOOD
UNLOCK
LOCK
ON
POWER
OFF
TECHNOLOGY
DYNAMICS
LOCK
UNLOCK
ON
POWER
TECHNOLOGY
OFF
DYNAMICS
OUTPUT
GOOD
LOCK
UNLOCK
ON
POWER
DYNAMICS
TECHNOLOGY
OFF
408.94mm
16.10"
482.6mm/19.00"
PS1
PS2
PS3
8 POSITION TERMINAL BLOCK
428.50mm/16.87"
1
L
TB1
AC INPUT
23
G
N
5
1 2
34
7
6
8
TB2
88.90mm/3.500"
TYPICAL HOLE PATTERN, BOTH SIDES
SIDE VIEW
463.55mm/18.250"
SECONDARY OUTPUTS
AC INPUT
STUDS FOR MAIN OUTPUT
1/4-20
TB1
REAR PANEL
-
MAIN OUTPUT
44.45mm/1.750"
20.24mm/0.797"
ON/OFF CIRCUIT BREAKER
LOCK
LED
FRONT PANEL
AIR OUTLET
SIGNALS
CONNECTOR
OPTIONAL
J4 LOGIC
81
12
34
6
5
8
7
TB2
TOP VIEW
Circuit Breaker Cover
TECHNOLOGY DYNAMICS INC.
100 School Street, Bergenfield, NJ 07621
Phone: (201) 385-0500, Fax: (201) 385-0702
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
www.technologydynamicsinc.com
Rev. A


Similar Part No. - PTCP-HS-24-51

ManufacturerPart #DatasheetDescription
logo
TECHNOLOGY ASSISTANCE B...
PTCP-12-34 TAB-PTCP-12-34 Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
PTCP-12-34 TECHNOLOGY-PTCP-12-34 Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
PTCP-12-50 TAB-PTCP-12-50 Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
PTCP-12-50 TECHNOLOGY-PTCP-12-50 Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
PTCP-12-66 TAB-PTCP-12-66 Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
More results

Similar Description - PTCP-HS-24-51

ManufacturerPart #DatasheetDescription
logo
Technology Dynamics Inc...
NTDM-HS-12-250 TECHNOLOGY-NTDM-HS-12-250 Datasheet
185Kb / 2P
   N1 REDUNDANT HOT SWAP POWER SYSTEMS
NTDM-6HS-12-750 TECHNOLOGY-NTDM-6HS-12-750 Datasheet
995Kb / 2P
   N1 REDUNDANT HOT SWAP POWER SYSTEMS
NTDM-4HS-12-500 TECHNOLOGY-NTDM-4HS-12-500 Datasheet
180Kb / 2P
   N1 REDUNDANT HOT SWAP POWER SYSTEMS
logo
Summit Microelectronics...
SMH4811A SUMMIT-SMH4811A_09 Datasheet
936Kb / 15P
   Programmable Distributed Power Hot-Swap Controller for High-Availability Systems
logo
Texas Instruments
TPS2398 TI-TPS2398 Datasheet
388Kb / 20P
[Old version datasheet]   -48V HOT SWAP CONTROLLER FOR REDUNDANT SUPPLY SYSTEMS
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
logo
Texas Instruments
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
logo
Summit Microelectronics...
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
logo
Micrel Semiconductor
MIC2580A MICREL-MIC2580A_05 Datasheet
258Kb / 21P
   Hot-Swap PCI Power Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com