Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7738 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7738
Description  8-Channel, High Throughput,
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7738 Datasheet(HTML) 4 Page - Analog Devices

  AD7738 Datasheet HTML 1Page - Analog Devices AD7738 Datasheet HTML 2Page - Analog Devices AD7738 Datasheet HTML 3Page - Analog Devices AD7738 Datasheet HTML 4Page - Analog Devices AD7738 Datasheet HTML 5Page - Analog Devices AD7738 Datasheet HTML 6Page - Analog Devices AD7738 Datasheet HTML 7Page - Analog Devices AD7738 Datasheet HTML 8Page - Analog Devices AD7738 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
REV. 0
–4–
AD7738
TIMING SPECIFICATIONS1, 2, 3
(AVDD = 5 V
5%; DVDD = 2.7 V to 3.6 V or 5 V
5%; Input Logic 0 = 0 V, Logic 1 = DVDD unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comment
MASTER CLOCK RANGE
1
6.144
MHz
t1
50
ns
SYNC Pulsewidth
t2
500
ns
RESET Pulsewidth
READ OPERATION
t4
0ns
CS Falling Edge to SCLK Falling Edge Setup Time
t5
4
SCLK Falling Edge to Data Valid Delay
060
ns
DVDD of 4.75 V to 5.25 V
080
ns
DVDD of 2.7 V to 3.3 V
t5A
4, 5
CS Falling Edge to Data Valid Delay
060
ns
DVDD of 4.75 V to 5.25 V
080
ns
DVDD of 2.7 V to 3.3 V
t6
50
ns
SCLK High Pulsewidth
t7
50
ns
SCLK Low Pulsewidth
t8
0ns
CS Rising Edge after SCLK Rising Edge Hold Time
t9
6
10
80
ns
Bus Relinquish Time after SCLK Rising Edge
WRITE OPERATION
t11
0ns
CS Falling Edge to SCLK Falling Edge Setup
t12
30
ns
Data Valid to SCLK Rising Edge Setup Time
t13
25
ns
Data Valid after SCLK Rising Edge Hold Time
t14
50
ns
SCLK High Pulsewidth
t15
50
ns
SCLK Low Pulsewidth
t16
0ns
CS Rising Edge after SCLK Rising Edge Hold Time
NOTES
1Sample tested during initial release to ensure compliance.
2All input signals are specified with tr = tf = 5 ns (10% to 90% of DV
DD) and timed from a voltage level of 1.6 V.
3See Figures 1 and 2.
4These numbers are measured with the load circuit of Figure 3 and defined as the time required for the output to cross the V
OL or VOH limits.
5This specification is relevant only if CS goes low while SCLK is low.
6These numbers are derived from the measured time taken by the data output to change 0.5 V when loaded with the circuit of Figure 3.
The measured number is then extrapolated back to remove effects of charging or discharging the 50 pF capacitor. This means that the times quoted in the timing
characteristics are the true bus relinquish times of the part and as such are independent of external bus loading capacitances.
Specifications are subject to change without notice.


Similar Part No. - AD7738

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7738 AD-AD7738 Datasheet
412Kb / 28P
   8-Channel, High Throughput, 24-Bit - ADC
REV. 0
AD7738 AD-AD7738 Datasheet
342Kb / 28P
   8-Channel, High Throughput 24-Bit ADC
REV. 0
AD7738 AD-AD7738 Datasheet
417Kb / 29P
   8-Channel, High Throughput, 24-Bit ADC
AD7738BRU AD-AD7738BRU Datasheet
342Kb / 28P
   8-Channel, High Throughput 24-Bit ADC
REV. 0
AD7738BRUZ AD-AD7738BRUZ Datasheet
412Kb / 28P
   8-Channel, High Throughput, 24-Bit - ADC
REV. 0
More results

Similar Description - AD7738

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7738 AD-AD7738_17 Datasheet
417Kb / 29P
   8-Channel, High Throughput, 24-Bit ADC
AD7738BRUZ-REEL7 AD-AD7738BRUZ-REEL7 Datasheet
342Kb / 28P
   8-Channel, High Throughput 24-Bit ADC
REV. 0
AD7738 AD-AD7738_15 Datasheet
412Kb / 28P
   8-Channel, High Throughput, 24-Bit ADC
REV. 0
AD7738BRUZ AD-AD7738BRUZ Datasheet
412Kb / 28P
   8-Channel, High Throughput, 24-Bit - ADC
REV. 0
AD7739 AD-AD7739_15 Datasheet
540Kb / 32P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
AD7739 AD-AD7739_17 Datasheet
604Kb / 33P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
AD7739 AD-AD7739 Datasheet
380Kb / 32P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. 0
AD7739BRUZ AD-AD7739BRUZ Datasheet
540Kb / 32P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
logo
Maxim Integrated Produc...
DS31256 MAXIM-DS31256 Datasheet
1Mb / 183P
   256-Channel, High-Throughput HDLC Controller
REV: 031405
DS31256 MAXIM-DS31256_V01 Datasheet
1Mb / 183P
   256-Channel, High-Throughput HDLC Controller
REV: 012506
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com