Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1651 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NCP1651
Description  Single Stage Power Factor Controller
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP1651 Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NCP345
http://onsemi.com
3
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted.)
Rating
Pin
Symbol
Min
Max
Unit
OUT voltage to GND
1
VO
−0.3
30
V
Input and CNTRL pin voltage to GND
4
3
Vinput
VCNTRL
−0.3
−0.3
30
13
V
VCC Maximum Range
5
VCC(max)
−0.3
30
V
Maximum Power Dissipation at TA = 85°C
PD
0.216
W
Thermal Resistance Junction to Air
RqJA
300
°C/W
Junction Temperature
TJ
150
°C
Operating Ambient Temperature
TA
−40
85
°C
VCNTRL Operating Voltage
3
0
5.0
V
Storage Temperature Range
Tstg
−65
150
°C
ESD performance (HBM)
{
all
2.5
kV
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
{ Human body model (HBM): MIL STD 883C Method 3015−7, (R = 1500 ohms, C = 100 pf, F = 3 pulses delay 1 s).
ELECTRICAL CHARACTERISTICS
(For typical values TA = 25°C, for min/max values TA = −40°C to +85°C, VCC = 6.0 V, unless otherwise noted.)
Characteristic
Symbol
Pin
Min
Typ
Max
Unit
VCC Operating Voltage Range
VCC(opt)
5
3.0
4.8
25
V
Supply Current (ICC + IInput; VCC = 6.0 V Steady State)
4,5
0.75
1.0
mA
Input Threshold
(VInput connected to VCC; VInput increasing)
VTh
4
6.65
6.85
7.08
V
Input Hysteresis (VInput connected to VCC; VInput decreasing)
VHyst
4
50
100
200
mV
Input Impedance (Input = VTh)
Rin
4
70
150
k
W
CNTRL Voltage High
Vih
3
1.5
V
CNTRL Voltage Low
Vil
3
0.5
V
CNTRL Current High (Vih = 5.0 V)
Iih
3
95
200
mA
CNTRL Current Low (Vil = 0.5 V)
Iil
3
10
20
mA
Undervoltage Lockout (VCC decreasing)
VLock
3
2.5
2.8
3.0
V
Output Sink Current (VCC < VTh, VOUT = 1.0 V)
ISink
1
10
33
50
mA
Output Voltage High (VCC = Vin = 8.0 V; ISource = 10 mA)
Output Voltage High (VCC = Vin = 8.0 V; ISource = 0.25 mA)
Output Voltage High (VCC = Vin = 8.0 V; ISource = 0 mA)
Voh
1
VCC−1.0
VCC−0.25
VCC−0.1
V
Output Voltage Low
(Input < 6.5 V; ISink = 0 mA; VCC = 6.0 V, CNTRL = 0 V)
Vol
1
0.1
V
Turn ON Delay − Input (VInput connected to VCC; VInput step down
signal from 8.0 to 6.0 V; measured to 50% point of OUT)*
TON IN
1
10
msec
Turn OFF Delay − Input (VInput connected to VCC; VInput step up signal
from 6.0 to 8.0 V; CL = 12 nF Output > VCC−1.0 V)
TOFF IN
1
0.5
1.0
msec
Turn ON Delay − CNTRL (CNTRL step down signal from 2.0 to 0.5 V;
measured to 50% point of OUT)*
TON CT
1
10
msec
Turn OFF Delay − CNTRL (CNTRL step up signal from 0.5 to 2.0 V;
CL = 12 nF Output > VCC−1.0 V)
TOFF CT
1
1.0
2.0
msec
*Turn ON Delay is guaranteed by design.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC33368High Voltage GreenLine Power Factor Controller 1 2 3 4 5 MoreON Semiconductor
ML4804Power Factor Correction and PWM Controller Combo 1 2 3 4 5 MoreFairchild Semiconductor
RTL8100BREALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ML4812Power Factor Controller 1 2 3 4 5 MoreFairchild Semiconductor
ML4819Power Factor and PWM Controller “Combo” 1 2 3 4 5 MoreFairchild Semiconductor
ML4804Power Factor Correction and PWM Controller Combo 1 2 3 4 5 MoreMicro Linear Corporation
RTL8101LREALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
FAN7527BPower Factor Correction Controller 1 2 3 4 5 MoreFairchild Semiconductor
KA7524BPower Factor Correction Controller 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn