Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3233 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SK3233
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK3233 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SK3233 Datasheet HTML 1Page - Hitachi Semiconductor 2SK3233 Datasheet HTML 2Page - Hitachi Semiconductor 2SK3233 Datasheet HTML 3Page - Hitachi Semiconductor 2SK3233 Datasheet HTML 4Page - Hitachi Semiconductor 2SK3233 Datasheet HTML 5Page - Hitachi Semiconductor 2SK3233 Datasheet HTML 6Page - Hitachi Semiconductor 2SK3233 Datasheet HTML 7Page - Hitachi Semiconductor 2SK3233 Datasheet HTML 8Page - Hitachi Semiconductor 2SK3233 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SK3233
4
Main Characteristics
40
30
20
10
0
50
100
150
200
30
10
3
1
0.3
0.1
13
10
30
100
300
1000
10
8
6
4
2
0
10
20
30
40
50
10
8
6
4
2
0
24
68
10
0.03
0.01
100
Ta = 25
°C
V
= 4V
GS
5 V
5.5 V
Tc = 75
°C
25
°C
–25
°C
Case Temperature
Tc (
°C)
Power vs. Temperature Derating
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
V
= 10 V
DS
100
µs
1 ms
PW
=
10
ms
(1shot)
DC
Operation
(Tc
=
25
°C)
10
µs
4.5 V
8 V
10 V
6 V
Pulse Test
Operation in
this area is
limited by RDS(on)
Pulse Test


Similar Part No. - 2SK3233

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
2SK3233 VBSEMI-2SK3233 Datasheet
1Mb / 11P
   N-Channel 650 V (D-S) Power MOSFET
logo
Inchange Semiconductor ...
2SK3233 ISC-2SK3233 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3233 RENESAS-2SK3233 Datasheet
210Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
Sep 07, 2005
2SK3233-E RENESAS-2SK3233-E Datasheet
210Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
Sep 07, 2005
More results

Similar Description - 2SK3233

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com