Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QVS107CG1R5CCHT Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # QVS107CG1R5CCHT
Description  Standard packaging quantity (minimum)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

QVS107CG1R5CCHT Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  QVS107CG1R5CCHT Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc QVS107CG1R5CCHT Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
16CUD02
RoHS compliance product
○QVS107CG1R5CCHT
250V 1608 CG/C0G 1.5pF +/- 0.25pF t=0.8mmMAX
250V 0603 CG/C0G 1.5pF +/- 0.25pF t=0.031inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
0.1
1
10
100
1000
500
2500
4500
6500
8500
Frequency[MHz]
QVS107CG1R5CCHT
Ca pa cita nce Freq.
-10
-5
0
5
10
0
50
100
150
200
250
DC Bia s Volta ge[V]
QVS107CG1R5CCHT
DC Bia s Cha r.
0.01
0.1
1
10
100
1000
10000
500
2500
4500
6500
8500
Frequency[MHz]
QVS107CG1R5CCHT
Impeda nce,ESR Freq.
ESR
Z
-10
-5
0
5
10
-55 -35 -15
5
25
45
65
85 105 125
Tempera ture[degreeC]
QVS107CG1R5CCHT
Ca pa cita nce Temp.


Similar Part No. - QVS107CG1R5CCHT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
QVS107CG1R5CC8T TAIYO-YUDEN-QVS107CG1R5CC8T Datasheet
398Kb / 3P
   High Frequency Medium-High Voltage MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
More results

Similar Description - QVS107CG1R5CCHT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HMK107BJ222MA-T TAIYO-YUDEN-HMK107BJ222MA-T Datasheet
317Kb / 2P
   Standard packaging quantity (minimum)
FL05R100A TAIYO-YUDEN-FL05R100A Datasheet
139Kb / 1P
   Standard packaging quantity (minimum)
QVS107CG1R3BCHT TAIYO-YUDEN-QVS107CG1R3BCHT Datasheet
282Kb / 2P
   Standard packaging quantity (minimum)
EMK316BBJ476ML-T TAIYO-YUDEN-EMK316BBJ476ML-T Datasheet
289Kb / 2P
   Standard packaging quantity (minimum)
QVS107CG1R6BCHT TAIYO-YUDEN-QVS107CG1R6BCHT Datasheet
284Kb / 2P
   Standard packaging quantity (minimum)
JMK325B7226KMHPR TAIYO-YUDEN-JMK325B7226KMHPR Datasheet
289Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 1000pcs
PMK325AC6227MM-P TAIYO-YUDEN-PMK325AC6227MM-P Datasheet
334Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 1000pcs
QVS107CG0R8BCHT TAIYO-YUDEN-QVS107CG0R8BCHT Datasheet
285Kb / 2P
   Standard packaging quantity (minimum) Taping paper 4000pcs
QVS107CG5R6DCHT TAIYO-YUDEN-QVS107CG5R6DCHT Datasheet
283Kb / 2P
   Standard packaging quantity (minimum) Taping paper 4000pcs
JMK325ABJ157MM-P TAIYO-YUDEN-JMK325ABJ157MM-P Datasheet
334Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 1000pcs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com