Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGA-8343 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SGA-8343
Description  Low Noise, High Gain SiGe HBT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SGA-8343 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SGA-8343 Datasheet HTML 1Page - List of Unclassifed Manufacturers SGA-8343 Datasheet HTML 2Page - List of Unclassifed Manufacturers SGA-8343 Datasheet HTML 3Page - List of Unclassifed Manufacturers SGA-8343 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SGA-8343 Low Noise SiGe HBT
Preliminary
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
2
726 Palomar Ave., Sunnyvale, CA 94085
EDS-101845 Rev. A
0
5
10
15
20
25
30
35
40
012345678
-40
-35
-30
-25
-20
-15
-10
-5
0
0
5
10
15
20
25
30
35
40
01234
5
678
-40
-35
-30
-25
-20
-15
-10
-5
0
Typical Performance - Deembedded S-Parameters
Note: S-parameters are de-embedded to the device leads with Z
S=ZL=50Ω. The data represents typical performace of the device.
De-
embedded s-parameters can be downloaded from our website (www.stanfordmicro.com).
Gain vs Frequency (3V,10mA)
Gain vs Frequency (2V,10mA)
Gain
Gmax
Frequency (GHz)
Frequency (GHz)
S11,S22 vs Frequency (3V,10mA)
S11,S22 vs Frequency (2V,10mA)
Isolation
Isolation
Gmax
Gain
0.0
0.2
0.5
1.0
2.0
5.0
0.2
0.5
1.0
2.0
5.0
inf
0.2
0.5
1.0
2.0
5.0
1 GHz
4 GHz
8 GHz
6 GHz
3 GHz
2 GHz
S11
S22
0.0
0.2
0.5
1.0
2.0
5.0
0.2
0.5
1.0
2.0
5.0
inf
0.2
0.5
1.0
2.0
5.0
1 GHz
4 GHz
8 GHz
6 GHz
3 GHz
2 GHz
S11
S22
Typical Performance - P1dB, OIP3, Gain
q
e
r
F
)
z
H
M
(
V
E
C
)
V
(
I
Q
C
)
A
m
(
B
d
1
P
)
m
B
d
(
3
P
I
O
)
m
B
d
(
n
i
a
G
)
B
d
(
Z
T
P
O
L
g
a
M
g
n
A
0
0
9
2
0
10
.
0
10
.
2
20
.
5
20
5
.
0
3
.
3
4
1
0
22
.
0
10
.
4
20
.
4
24
2
.
0
6
.
6
1
3
0
10
.
3
15
.
4
24
.
4
26
3
.
0
2
.
6
1
0
23
.
3
10
.
8
24
.
4
26
3
.
0
2
.
6
1
0
0
9
1
2
0
10
.
0
10
.
3
27
.
6
13
4
.
0
2
.
1
9
0
22
.
0
10
.
6
24
.
6
12
3
.
0
1
.
4
2
3
0
10
.
3
10
.
6
20
.
8
14
5
.
0
2
.
5
1
0
23
.
3
15
.
8
20
.
8
18
3
.
0
0
.
4
1
0
0
4
2
2
0
10
.
0
10
.
3
20
.
5
11
3
.
0
0
.
5
4
0
22
.
0
10
.
4
20
.
5
19
2
.
0
3
.
3
3
3
0
10
.
3
15
.
7
23
.
5
14
4
.
0
2
.
9
0
23
.
3
10
.
9
23
.
5
16
3
.
0
3
.
3
1


Similar Part No. - SGA-8343

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-8343 SIRENZA-SGA-8343 Datasheet
96Kb / 4P
   Low Noise, High Gain SiGe HBT
logo
Stanford Microdevices
SGA-8343X STANFORD-SGA-8343X Datasheet
178Kb / 9P
   Reliability Qualification Report
logo
SIRENZA MICRODEVICES
SGA-8343Z SIRENZA-SGA-8343Z Datasheet
96Kb / 4P
   Low Noise, High Gain SiGe HBT
More results

Similar Description - SGA-8343

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-8343 SIRENZA-SGA-8343 Datasheet
96Kb / 4P
   Low Noise, High Gain SiGe HBT
logo
RF Micro Devices
SGA8343Z RFMD-SGA8343Z Datasheet
1Mb / 13P
   LOW NOISE, HIGH GAIN SiGe HBT
SGA6589Z RFMD-SGA6589Z Datasheet
466Kb / 6P
   DC to 3500MHz, CASCADABLE LOW NOISE, HIGH GAIN SiGe HBT
logo
SHIKUES Electronics
BFG425W SKTECHNOLGY-BFG425W Datasheet
663Kb / 4P
   Microwave, low noise, SiGe NPN HBT
logo
Panasonic Semiconductor
MSG43001 PANASONIC-MSG43001 Datasheet
94Kb / 4P
   SiGe HBT type For low-noise RF amplifier
MSG33001 PANASONIC-MSG33001 Datasheet
95Kb / 4P
   SiGe HBT type For low-noise RF amplifier
MSG43004 PANASONIC-MSG43004 Datasheet
94Kb / 4P
   SiGe HBT type For low-noise RF amplifier
MSG33002 PANASONIC-MSG33002 Datasheet
95Kb / 4P
   SIGE HBT TYPE FOR LOW-NOISE RF AMPLIFIER
logo
Renesas Technology Corp
NESG3032M14 RENESAS-NESG3032M14 Datasheet
168Kb / 15P
   NPN SiGe RF Transistor for Low Noise, High-Gain
NESG3033M14 RENESAS-NESG3033M14 Datasheet
176Kb / 16P
   NPN SiGe RF Transistor for Low Noise, High-Gain
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com