Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ200A Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SMAJ200A
Description  SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMAJ200A Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SMAJ200A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMAJ200A Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMAJ200A Datasheet HTML 3Page - SUNMATE electronic Co., LTD SMAJ200A Datasheet HTML 4Page - SUNMATE electronic Co., LTD SMAJ200A Datasheet HTML 5Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 of 5
RWM
RWM
1.0
1.0
10.0
10.0
10.0
18.9
17.8
15.6
13.3
9.0
9.0
8.5
8.5
8.0
8.0
7.5
7.0
6.5
6.5
5.0
Breakdown
Marking
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
(Uni)
(Bi)
V
(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMAJ8.0A
TT
SMAJ11A
TYPE
(Uni)
(Bi)
22.2
26.7
www.sunmate.tw
SMAJ5.0
HD
SMAJ5.0C
6.40
7.55
10.0
9.6
800.0
5.0
6.40
7.25
SMAJ5.0A
SMAJ5.0CA
HE
TE
9.2
43.5
800.0
SMAJ6.0
SMAJ6.0C
HF
TF
6.0
6.67
8.45
10.0
11.4
35.1
800.0
SMAJ6.0A
SMAJ6.0CA
HG
TG
6.0
6.67
7.67
10.3
38.8
800.0
SMAJ6.5
SMAJ6.5C
HH
TH
7.22
9.14
10.0
12.3
32.5
500.0
SMAJ6.5A
SMAJ6.5CA
HK
TK
7.22
8.30
10.0
11.2
35.7
500.0
SMAJ7.0
SMAJ7.0C
HL
TL
7.78
9.86
10.0
13.3
30.1
200.0
SMAJ7.0A
SMAJ7.0CA
HM
TM
7.0
7.78
8.95
12.0
33.3
200.0
SMAJ7.5
SMAJ7.5C
HN
TN
8.33
10.67
1.0
14.3
28.0
100.0
SMAJ7.5A
SMAJ7.5CA
HP
TP
7.5
8.33
9.58
12.9
31.0
100.0
SMAJ8.0
SMAJ8.0C
HQ
TQ
8.89
11.3
1.0
15.0
26.7
50.0
SMAJ8.0CA
HR
TR
8.89
10.23
1.0
13.6
29.4
50.0
SMAJ8.5
SMAJ8.5C
HS
TS
9.44
11.92
15.9
25.2
20.0
SMAJ8.5A
SMAJ8.5CA
HT
9.44
10.82
1.0
14.4
27.8
20.0
SMAJ9.0
SMAJ9.0C
HU
TU
10.0
12.6
1.0
16.9
23.7
10.0
SMAJ9.0A
SMAJ9.0CA
HV
TV
10.0
11.5
1.0
15.4
26.0
10.0
SMAJ10
SMAJ10C
HW
TW
10
14.1
1.0
18.8
21.3
5.0
SMAJ10A
SMAJ10CA
HX
TX
10
11.1
12.8
1.0
17.0
23.5
5.0
SMAJ11
SMAJ11C
HY
TY
11
12.2
15.4
1.0
20.1
19.9
5.0
SMAJ11CA
HZ
TZ
11
12.2
14.0
1.0
18.2
22.0
5.0
SMAJ12
SMAJ12C
ID
UD
12
16.9
1.0
22.0
18.2
5.0
SMAJ12A
SMAJ12CA
IE
UE
12
13.3
15.3
1.0
19.9
20.1
5.0
SMAJ13
SMAJ13C
IF
UF
13
14.4
18.2
1.0
23.8
16.8
5.0
SMAJ13A
SMAJ13CA
IG
UG
13
14.4
16.5
1.0
21.5
18.6
5.0
SMAJ14
SMAJ14C
IH
UH
14
19.8
1.0
25.8
15.5
5.0
SMAJ14A
SMAJ14CA
IK
UK
14
15.6
17.9
1.0
23.2
17.2
5.0
SMAJ15
SMAJ15C
IL
UL
15
16.7
21.1
1.0
26.9
14.9
5.0
SMAJ15A
SMAJ15CA
IM
UM
15
16.7
19.2
1.0
24.4
16.4
5.0
SMAJ16
SMAJ16C
IN
UN
16
22.6
1.0
28.8
13.9
5.0
SMAJ16A
SMAJ16CA
IP
UP
16
17.8
20.5
1.0
26.0
15.4
5.0
SMAJ17
SMAJ17C
IQ
UQ
17
23.9
1.0
30.5
13.1
5.0
SMAJ17A
SMAJ17CA
IR
UR
17
18.9
21.7
1.0
27.6
14.5
5.0
SMAJ18
SMAJ18C
IS
US
18
20.0
25.3
1.0
32.2
12.4
5.0
SMAJ18A
SMAJ18CA
IT
UT
18
20.0
23.3
1.0
29.2
13.7
5.0
SMAJ20
SMAJ20C
IU
UU
20
28.1
1.0
35.8
5.0
11.2
SMAJ20A
SMAJ20CA
IV
UV
20
22.2
25.5
1.0
32.4
12.3
5.0
SMAJ22
SMAJ22C
IW
UW
22
24.4
30.9
1.0
39.4
10.2
5.0
UX
22
SMAJ22A
SMAJ22CA
IX
24.4
28.0
1.0
35.5
11.3
5.0
SMAJ24
SMAJ24C
IY
UY
24
33.8
1.0
43.0
9.3
5.0
TD
41.7
11.1


Similar Part No. - SMAJ200A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMAJ200A LITTELFUSE-SMAJ200A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
Shenzhen Luguang Electr...
SMAJ200A LUGUANG-SMAJ200A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMAJ200A SOCAY-SMAJ200A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Formosa MS
SMAJ200A FORMOSA-SMAJ200A Datasheet
864Kb / 10P
   SMD Transient Voltage Suppressor
logo
First Silicon Co., Ltd
SMAJ200A FS-SMAJ200A Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
More results

Similar Description - SMAJ200A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMAJ70CA SUNMATE-SMAJ70CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ75CA SUNMATE-SMAJ75CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ250CA SUNMATE-SMAJ250CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ400CA SUNMATE-SMAJ400CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ130CA SUNMATE-SMAFJ130CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ210A SUNMATE-SMAFJ210A Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ250A SUNMATE-SMAFJ250A Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ250CA SUNMATE-SMAFJ250CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ350CA SUNMATE-SMAFJ350CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ10CA SUNMATE-SMAJ10CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ6.8A SUNMATE-SMAJ6.8A Datasheet
201Kb / 2P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com