Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ190CA Datasheet(PDF) 5 Page - SUNMATE electronic Co., LTD

Part # SMAJ190CA
Description  SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMAJ190CA Datasheet(HTML) 5 Page - SUNMATE electronic Co., LTD

  SMAJ190CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMAJ190CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMAJ190CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD SMAJ190CA Datasheet HTML 4Page - SUNMATE electronic Co., LTD SMAJ190CA Datasheet HTML 5Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5 of 5
Ratings and Characteristic Curves TA=25°C unless otherwise noted
www.sunmate.tw


Similar Part No. - SMAJ190CA

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
SMAJ190CA MERITEK-SMAJ190CA Datasheet
284Kb / 4P
   Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SMAJ190CA LUGUANG-SMAJ190CA Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMAJ190CA UNSEMI-SMAJ190CA Datasheet
3Mb / 8P
   3.3 To 440V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Formosa MS
SMAJ190CA FORMOSA-SMAJ190CA Datasheet
864Kb / 10P
   SMD Transient Voltage Suppressor
logo
SeCoS Halbleitertechnol...
SMAJ190CA SECOS-SMAJ190CA Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
More results

Similar Description - SMAJ190CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMAJ70CA SUNMATE-SMAJ70CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ75CA SUNMATE-SMAJ75CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ250CA SUNMATE-SMAJ250CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ400CA SUNMATE-SMAJ400CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ130CA SUNMATE-SMAFJ130CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ210A SUNMATE-SMAFJ210A Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ250A SUNMATE-SMAFJ250A Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ250CA SUNMATE-SMAFJ250CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ350CA SUNMATE-SMAFJ350CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ10CA SUNMATE-SMAJ10CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ6.8A SUNMATE-SMAJ6.8A Datasheet
201Kb / 2P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com