Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSC7125QU Datasheet(PDF) 11 Page - Vitesse Semiconductor Corporation

Part # VSC7125QU
Description  1.0625 Gbits/sec Fibre Channel Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7125QU Datasheet(HTML) 11 Page - Vitesse Semiconductor Corporation

Back Button VSC7125QU Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7125QU Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7125QU Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7125QU Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7125QU Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7125QU Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7125QU Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7125QU Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC7125QU Datasheet HTML 15Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 11
4/23/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC7125
1.0625 Gbits/sec Fibre
Channel Transceiver
G52121-0, Rev. 4.1
Package Pin Descriptions
Figure 10: Pin Diagram
Table 4: Pin Identification
Pin #
Name
Description
2-4, 6-9,
11-13
T0:9
INPUTS - TTL
10-bit transmit character. Parallel data on this bus is clocked in on the rising edge of
REFCLK. The data bit corresponding to T0 is transmitted first.
22
REFCLK
INPUT - TTL
This rising edge of this clock latches T0:9 into the input register. It also provides the
reference clock, at one tenth the baud rate to the PLL.
62, 61
TX+, TX-
OUTPUTS - Differential PECL (AC Coupling recommended)
These pins output the serialized transmit data when EWRAP is LOW. When EWRAP
is HIGH, TX+ is HIGH and TX- is LOW.
45-43, 41-
38, 36-34
R0:9
OUTPUTS - TTL
10-bit received character. Parallel data on this bus is clocked out on the rising edges
of RCLK and RCLKN. R0 is the first bit received on RX+/RX-.
T5
T4
VDDD
T7
T8
T9
R6
R5
COMDET
R4
VDDT
R7
R8
T2
VDDD
T3
R2
VSSD
N/C
VSST
T6
N/C
VSSD
VSSD
R9
R3
R1
R0
VSST
VDDT
T1
T0
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
63
61
59
57
55
53
51
49
33
35
37
39
41
43
45
47
(Top View)


Similar Part No. - VSC7125QU

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122QM VITESSE-VSC7122QM Datasheet
93Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
   10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7123QN VITESSE-VSC7123QN Datasheet
208Kb / 18P
   10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
More results

Similar Description - VSC7125QU

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7126 VITESSE-VSC7126 Datasheet
223Kb / 16P
   1.0625 Gbits/sec Fibre Channel Transceiver
logo
STMicroelectronics
FC106 STMICROELECTRONICS-FC106 Datasheet
210Kb / 32P
   Fibre Channel Transceiver 1.0625 GBaud
logo
Vitesse Semiconductor C...
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
logo
Infineon Technologies A...
V23826-K305-C INFINEON-V23826-K305-C Datasheet
1,012Kb / 9P
   Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
DECEMBER 2000
V23826-K305-C13 INFINEON-V23826-K305-C13 Datasheet
534Kb / 17P
   Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
2000-12-19
V23826-K15-C INFINEON-V23826-K15-C Datasheet
326Kb / 9P
   Single Mode 1300 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
MARCH 2000
V23826-K15-C13 INFINEON-V23826-K15-C13 Datasheet
458Kb / 16P
   Single Mode 1300 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
2000-03-09
logo
Vitesse Semiconductor C...
VSC7140 VITESSE-VSC7140 Datasheet
115Kb / 12P
   1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
logo
Finisar Corporation.
V23826-K15-C313 FINISAR-V23826-K15-C313 Datasheet
479Kb / 19P
   Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com