Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS79618KTTT Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS79618KTTT
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79618KTTT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS79618KTTT Datasheet HTML 8Page - Texas Instruments TPS79618KTTT Datasheet HTML 9Page - Texas Instruments TPS79618KTTT Datasheet HTML 10Page - Texas Instruments TPS79618KTTT Datasheet HTML 11Page - Texas Instruments TPS79618KTTT Datasheet HTML 12Page - Texas Instruments TPS79618KTTT Datasheet HTML 13Page - Texas Instruments TPS79618KTTT Datasheet HTML 14Page - Texas Instruments TPS79618KTTT Datasheet HTML 15Page - Texas Instruments TPS79618KTTT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
www.ti.com
RθJAmax + (125 * 55)°C 2.5 W + 28°C W (9)
T
J +
T
A )
P
Dmax x R
θJA
(6)
RθJA +
T
J–TA
P
Dmax
(7)
DDPAK Power Dissipation
15
20
25
30
35
40
0.1
1
10
100
Copper Heatsink Area − cm2
No Air Flow
150 LFM
250 LFM
1 oz. Copper
Power Plane
1 oz. Copper
Ground Plane
2 oz. Copper Solder Pad
with 25 Thermal Vias
Thermal Vias, 0.3 mm
Diameter, 1,5 mm Pitch
P
Dmax +
(5 * 2.5) V x 1 A + 2.5 W
(8)
TPS79601, TPS79618, TPS79625
TPS79628, TPS79630, TPS79633
SLVS351D – SEPTEMBER 2002 – REVISED OCTOBER 2004
Even if no external black body radiator type heatsink
is attached to the package, the board on which the
regulator is mounted provides some heatsinking
From Figure 25, DDPAK Thermal Resistance vs
through the pin solder connections. Some packages,
Copper Heatsink Area, the ground plane needs to be
like the DDPAK and SOT223 packages, use a copper
1 cm
2 for the part to dissipate 2.5 W. The operating
plane underneath the package or the circuit board's
environment used in the computer model to construct
ground plane for additional heatsinking to improve
Figure 25 consisted of a standard JEDEC High-K
their thermal performance. Computer-aided thermal
board (2S2P) with a 1 oz. internal copper plane and
modeling can be used to compute very accurate
ground plane. The package is soldered to a 2 oz.
approximations of an integrated circuit's thermal per-
copper pad. The pad is tied through thermal vias to
formance in different operating environments (e.g.,
the 1 oz. ground plane. Figure 26 shows the side
different types of circuit boards, different types and
view of the operating environment used in the com-
sizes of heatsinks, and different air flows, etc.). Using
puter model.
these models, the three thermal resistances can be
combined into one thermal resistance between junc-
tion and ambient (RΘJA). This RΘJA is valid only for the
specific operating environment used in the computer
model.
Equation 5 simplifies into Equation 6:
Rearranging Equation 6 gives Equation 7:
Using Equation 6 and the computer model generated
curves shown in Figure 25 and Figure 28, a designer
can quickly compute the required heatsink thermal
resistance/board area for a given ambient tempera-
ture, power dissipation, and operating environment.
The DDPAK package provides an effective means of
Figure 25. DDPAK Thermal Resistance vs Copper
Heatsink Area
managing power dissipation in surface mount appli-
cations. The DDPAK package dimensions are pro-
vided in the Mechanical Data section at the end of
the data sheet. The addition of a copper plane
directly underneath the DDPAK package enhances
the thermal performance of the package.
To illustrate, the TPS72525 in a DDPAK package
was chosen. For this example, the average input
voltage is 5 V, the output voltage is 2.5 V, the
average output current is 1 A, the ambient tempera-
ture 55
°C, the air flow is 150 LFM, and the operating
environment is the same as documented below.
Neglecting the quiescent current, the maximum aver-
age power is calculated as Equation 8:
Figure 26. DDPAK Thermal Resistance
Substituting TJmax for TJ into Equation 6 gives
From
the
data
in
Figure
27
and
rearranging
Equation 9:
Equation 6, the maximum power dissipation for a
different ground plane area and a specific ambient
temperature can be computed.
12


Similar Part No. - TPS79618KTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79618KTTT TI-TPS79618KTTT Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79618KTTT TI1-TPS79618KTTT Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79618KTTTG3 TI-TPS79618KTTTG3 Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79618KTTTG3 TI1-TPS79618KTTTG3 Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results

Similar Description - TPS79618KTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796 TI-TPS796_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS796xx Ultralow-Noise, High PSRR, Fast, RF, 1-A Low-Dropout Linear Regulators
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI1-TPS786_16 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS786XX TI-TPS786XX Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com