Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JMK325B7226KMHPR Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # JMK325B7226KMHPR
Description  Standard packaging quantity (minimum) Taping Embossed 1000pcs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

JMK325B7226KMHPR Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  JMK325B7226KMHPR Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc JMK325B7226KMHPR Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
15R2B06
RoHS compliance product
○JMK325B7226KMHPR
6.3V 3225 X7R 22uF +/- 10% t=2.7mmMAX
6.3V 1210 X7R 22uF +/- 10% t=0.106inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
1
10
100
1000
0.001 0.01
0.1
1
10
100 100010000
Frequency[MHz]
JMK325B7226KMHPR
Ca pa cita nce Freq.
-50
-40
-30
-20
-10
0
10
0
1
2
3
4
5
6
DC Bia s Volta ge[V]
JMK325B7226KMHPR
DC Bia s Cha r.
0.001
0.01
0.1
1
10
100
1000
0.001 0.01
0.1
1
10
100 100010000
Frequency[MHz]
JMK325B7226KMHPR
Impeda nce,ESR Freq.
ESR
Z
-30
-20
-10
0
10
-55 -35 -15
5
25
45
65
85 105 125
Tempera ture[degreeC]
JMK325B7226KMHPR
Ca pa cita nce Temp.
1
10
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Ripple Current[Arms]
JMK325B7226KMHPR
Ripple Current
10kHz
100kHz
1MHz


Similar Part No. - JMK325B7226KMHPR

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
JMK325B7226KMHTR TAIYO-YUDEN-JMK325B7226KMHTR Datasheet
290Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
More results

Similar Description - JMK325B7226KMHPR

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK325BJ476MM-P TAIYO-YUDEN-EMK325BJ476MM-P Datasheet
331Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 1000pcs
JMK325ABJ107MM-P TAIYO-YUDEN-JMK325ABJ107MM-P Datasheet
333Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 1000pcs
EMK325ABJ107MM-P TAIYO-YUDEN-EMK325ABJ107MM-P Datasheet
290Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 1000pcs
PMK325AC6227MM-P TAIYO-YUDEN-PMK325AC6227MM-P Datasheet
334Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 1000pcs
JMK325ABJ157MM-P TAIYO-YUDEN-JMK325ABJ157MM-P Datasheet
334Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 1000pcs
HMK316AC7225ML-TE TAIYO-YUDEN-HMK316AC7225ML-TE Datasheet
329Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 2000pcs
HMK212BC7105KG-TE TAIYO-YUDEN-HMK212BC7105KG-TE Datasheet
330Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 3000pcs
HMK212C7474MG-TE TAIYO-YUDEN-HMK212C7474MG-TE Datasheet
331Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 3000pcs
PMK432C6477MM-T TAIYO-YUDEN-PMK432C6477MM-T Datasheet
334Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 500pcs
HMK212BBJ105KG-TE TAIYO-YUDEN-HMK212BBJ105KG-TE Datasheet
330Kb / 2P
   Standard packaging quantity Taping Embossed 3000pcs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com