Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4974DY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4974DY
Description  Dual N-Channel 30-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4974DY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4974DY Datasheet HTML 1Page - Vishay Siliconix SI4974DY Datasheet HTML 2Page - Vishay Siliconix SI4974DY Datasheet HTML 3Page - Vishay Siliconix SI4974DY Datasheet HTML 4Page - Vishay Siliconix SI4974DY Datasheet HTML 5Page - Vishay Siliconix SI4974DY Datasheet HTML 6Page - Vishay Siliconix SI4974DY Datasheet HTML 7Page - Vishay Siliconix SI4974DY Datasheet HTML 8Page - Vishay Siliconix SI4974DY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 73052
S09-0228-Rev. D, 09-Feb-09
Vishay Siliconix
Si4974DY
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
MOSFET SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
Ch-1
1.0
3.0
V
Ch-2
1.0
3.0
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
Ch-1
± 100
nA
Ch-2
± 100
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
Ch-1
1
µA
Ch-2
1
VDS = 30 V, VGS = 0 V, TJ = 85 °C
Ch-1
15
Ch-2
15
On-State Drain Currentb
ID(on)
VDS = 5 V, VGS = 10 V
Ch-1
20
A
Ch-2
20
Drain-Source On-State Resistanceb
RDS(on)
VGS = 10 V, ID = 8.0 A
Ch-1
0.016
0.019
Ω
VGS = 10 V, ID = 6.0 A
Ch-2
0.029
0.035
VGS = 4.5 V, ID = 6.9 A
Ch-1
0.0215
0.026
VGS = 4.5 V, ID = 5.0 A
Ch-2
0.040
0.048
Forward Transconductanceb
gfs
VDS = 15 V, ID = 8.0 A
Ch-1
19
S
VDS = 15 V, ID = 6.0 A
Ch-2
13
Diode Forward Voltageb
VSD
IS = 1.8 A, VGS = 0 V
Ch-1
0.8
1.1
V
IS = 1.8 A, VGS = 0 V
Ch-2
0.8
1.1
Dynamica
Total Gate Charge
Qg
Channel-1
VDS = 15 V, VGS = 4.5 V, ID = 8.0 A
Channel-2
VDS = 15 V, VGS = 4.5 V, ID = 6.0 A
Ch-1
7.0
11
nC
Ch-2
3.3
5
Gate-Source Charge
Qgs
Ch-1
2.6
Ch-2
1.2
Gate-Drain Charge
Qgd
Ch-1
3.0
Ch-2
1.5
Gate Resistance
Rg
Ch-1
0.8
1.5
2.3
Ω
Ch-2
0.9
1.95
2.9
Turn-On Delay Time
td(on)
Channel-1
VDD = 15 V, RL = 15 Ω
ID ≅ 1 A, VGEN = 10 V, RG = 6 Ω
Channel-2
VDD = 15 V, RL = 15 Ω
ID ≅ 1 A, VGEN = 10 V, RG = 6 Ω
Ch-1
8
15
ns
Ch-2
6
10
Rise Time
tr
Ch-1
12
20
Ch-2
11
18
Turn-Off Delay Time
td(off)
Ch-1
22
35
Ch-2
15
25
Fall Time
tf
Ch-1
6
10
Ch-2
6
10
Source-Drain Reverse Recovery Time
trr
IF = 1.8 A, dI/dt = 100 A/µs
Ch-1
20
40
Ch-2
15
30


Similar Part No. - SI4974DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4974DY VISHAY-SI4974DY Datasheet
117Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI4974DY VISHAY-SI4974DY_V01 Datasheet
117Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI4974DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com