Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54312PWP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54312PWP
Description  3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54312PWP Datasheet(HTML) 4 Page - Texas Instruments

  TPS54312PWP Datasheet HTML 1Page - Texas Instruments TPS54312PWP Datasheet HTML 2Page - Texas Instruments TPS54312PWP Datasheet HTML 3Page - Texas Instruments TPS54312PWP Datasheet HTML 4Page - Texas Instruments TPS54312PWP Datasheet HTML 5Page - Texas Instruments TPS54312PWP Datasheet HTML 6Page - Texas Instruments TPS54312PWP Datasheet HTML 7Page - Texas Instruments TPS54312PWP Datasheet HTML 8Page - Texas Instruments TPS54312PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TPS54311, TPS54312
TPS54313, TPS54314
TPS54315, TPS54316
SLVS416A – FEBRUARY 2002 – JULY 2003
www.ti.com
4
ELECTRICAL CHARACTERISTICS (continued)
TJ = –40°C to 125°C, VIN = 3 V to 6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ERROR AMPLIFIER
Error amplifier open loop voltage gain(1)
26
dB
Error amplifier unity gain bandwidth(1)
3
5
MHz
PWM COMPARATOR
PWM comparator propagation delay time,
PWM comparator input to PH pin (ex-
cluding dead time)
10 mV overdrive(1)
70
85
ns
SLOW-START/ENABLE
Enable threshold voltage, SS/ENA
0.82
1.20
1.40
V
Enable hysteresis voltage, SS/ENA(1)
0.03
V
Falling edge deglitch, SS/ENA(1)
2.5
µs
TPS54311
2.6
3.3
4.1
TPS54312
3.5
4.5
5.4
TPS54313
4.4
5.6
6.7
Internal slow-start time(1)
TPS54314
2.6
3.3
4.1
ms
TPS54315
3.6
4.7
5.6
TPS54316
4.7
6.1
7.6
Charge current, SS/ENA
SS/ENA = 0 V
3
5
8
µA
Discharge current, SS/ENA
SS/ENA = 0.2 V,
VI = 1.5 V
1.5
2.3
4
mA
POWER GOOD
Power good threshold voltage
VSENSE falling
90
%Vref
Power good hysteresis voltage(1)
3
%Vref
Power good falling edge deglitch(1)
35
µs
Output saturation voltage, PWRGD
I(sink) = 2.5 mA
0.18
0.30
V
Leakage current, PWRGD
VI = 5.5 V
1
µA
CURRENT LIMIT
VI = 3 V, output shorted(1)
4
6.5
Current limit trip point
VI = 6 V, output shorted(1)
4.5
7.5
A
Current limit leading edge blanking time
(1)
100
ns
Current limit total response time
(1)
200
ns
THERMAL SHUTDOWN
Thermal shutdown trip point(1)
135
150
165
°C
Thermal shutdown hysteresis(1)
10
°C
OUTPUT POWER MOSFETS
VI = 6 V(2)
59
88
rDS(on)
Power MOSFET switches
VI = 3 V(2)
85
136
m
(1) Specified by design
(2) Matched MOSFETs, low side rDS(on) production tested, high side rDS(on) specified by design


Similar Part No. - TPS54312PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54312PWP TI1-TPS54312PWP Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54312PWPG4 TI1-TPS54312PWPG4 Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54312PWPR TI1-TPS54312PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54312PWPRG4 TI1-TPS54312PWPRG4 Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results

Similar Description - TPS54312PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-Q1 TI1-TPS54311-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI1-TPS54310_16 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54310 TI-TPS54310 Datasheet
142Kb / 14P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com