Electronic Components Datasheet Search |
|
SI4226DY Datasheet(PDF) 2 Page - Vishay Siliconix |
|
SI4226DY Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 7 page www.vishay.com 2 Document Number: 69980 S09-0392-Rev. B, 09-Mar-09 Vishay Siliconix Si4226DY New Product Notes: a. Guaranteed by design, not subject to production testing. b. Pulse test; pulse width ≤ 300 µs, duty cycle ≤ 2 %. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. SPECIFICATIONS TJ = 25 °C, unless otherwise noted Parameter Symbol Test Conditions Min. Typ. Max. Unit Static Drain-Source Breakdown Voltage VDS VGS = 0 V, ID = 250 µA 25 V VDS Temperature Coefficient ΔV DS/TJ ID = 250 µA 26 mV/°C VGS(th) Temperature Coefficient ΔV GS(th)/TJ - 4 Gate Threshold Voltage VGS(th) VDS = VGS , ID = 250 µA 0.6 2.0 V Gate Body Leakage IGSS VDS = 0 V, VGS = ± 12 V 100 nA Zero Gate Voltage Drain Current IDSS VDS = 25 V, VGS = 0 V 1 µA VDS = 25 V, VGS = 0 V, TJ = 55 °C 10 On-State Drain Currentb ID(on) VDS = 5 V, VGS = 10 V 20 A Drain-Source On-State Resistanceb RDS(on) VGS = 4.5 V, ID = 7 A 0.0155 0.0195 Ω VGS = 2.5 V, ID = 5 A 0.020 0.026 Forward Transconductanceb gfs VDS = 15 V, ID = 7 A 40 S Dynamica Input Capacitance Ciss N-Channel VDS = 15 V, VGS = 0 V, f = 1 MHz 1255 pF Output Capacitance Coss 185 Reverse Transfer Capacitance Crss 90 Total Gate Charge Qg VDS = 15 V, VGS = 10 V, ID = 8 A 24 36 nC N-Channel VDS = 15 V, VGS = 4.5 V, ID = 8 A 11 17 Gate-Source Charge Qgs 2 Gate-Drain Charge Qgd 2.5 Gate Resistance Rg f = 1 MHz 0.3 1.4 2.8 Ω Turn-On Delay Time td(on) N-Channel VDD = 15 V, RL = 3 Ω ID ≅ 5 A, VGEN = 4.5 V, Rg = 1 Ω 816 ns Rise Time tr 918 Turn-Off Delay Time td(off) 24 40 Fall Time tf 816 Turn-On Delay Time td(on) N-Channel VDD = 15 V, RL = 3 Ω ID ≅ 5 A, VGEN = 10 V, Rg = 1 Ω 14 25 Rise Time tr 10 20 Turn-Off Delay Time td(off) 30 50 Fall Time tf 816 Drain-Source Body Diode Characteristics Continuous Source-Drain Diode Current IS TC = 25 °C 2.6 A Pulse Diode Forward Currenta ISM 30 Body Diode Voltage VSD IS = 2 A 0.73 1.2 V Body Diode Reverse Recovery Time trr N-Channel IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C 25 50 ns Body Diode Reverse Recovery Charge Qrr 14 28 nC Reverse Recovery Fall Time ta 12 ns Reverse Recovery Rise Time tb 13 |
Similar Part No. - SI4226DY |
|
Similar Description - SI4226DY |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |