Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T55B685M035C0200 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T55B685M035C0200
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors,
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T55B685M035C0200 Datasheet(HTML) 1 Page - Vishay Siliconix

  T55B685M035C0200 Datasheet HTML 1Page - Vishay Siliconix T55B685M035C0200 Datasheet HTML 2Page - Vishay Siliconix T55B685M035C0200 Datasheet HTML 3Page - Vishay Siliconix T55B685M035C0200 Datasheet HTML 4Page - Vishay Siliconix T55B685M035C0200 Datasheet HTML 5Page - Vishay Siliconix T55B685M035C0200 Datasheet HTML 6Page - Vishay Siliconix T55B685M035C0200 Datasheet HTML 7Page - Vishay Siliconix T55B685M035C0200 Datasheet HTML 8Page - Vishay Siliconix T55B685M035C0200 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
T55
www.vishay.com
Vishay Polytech
Revision: 02-Nov-16
1
Document Number: 40174
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
vPolyTanTM Polymer Surface Mount Chip Capacitors,
Molded Case, High Performance Type
PERFORMANCE / ELECTRICAL
CHARACTERISTICS
Operating Temperature: -55 °C to +105 °C
Capacitance Range: 3.3 μF to 680 μF
Capacitance Tolerance: ± 20 %
Voltage Rating: 2.5 VDC to 50 VDC
FEATURES
• Ultra-low ESR
• Molded case available in 7 case codes
• Terminations:
cases J, P: 100 % tin
case A: 100 % tin or Ni / Pd / Au
cases T, B, V, D: Ni / Pd / Au
• Compatible with “high volume” automatic pick
and place equipment
• Moisture sensitivity level 3
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Decoupling, smoothing, filtering
• Bulk energy storage in wireless cards
• Infrastructure equipment
• Storage and networking
• Computer motherboards
• Smartphones and tablets
ORDERING INFORMATION
T55
B
156
M
6R3
C
0500
TYPE
CASE
CODE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE
RATING
TERMINATION /
PACKAGING
ESR
See
Ratings
and
Case
Codes
table
This is expressed in
picofarads. The first
two digits are the
significant figures.
The third is the
number of zeros
to follow.
M = ± 20 %
2R5 = 2.5 V
004 = 4 V
6R3 = 6.3 V
010 = 10 V
12R = 12.5 V
016 = 16 V
020 = 20 V
025 = 25 V
035 = 35 V
050 = 50 V
C = lead (Pb)-free
solderable coating,
7" reel
Maximum
100 kHz ESR
in m
Ω
DIMENSIONS in inches [millimeters]
Anode indication belt mark
L
W
W
H
a
l
l
J case
Anode indication belt mark
L
W
W
H
ll
a
P case


Similar Part No. - T55B685M035C0200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T55B685M035C0200 VISHAY-T55B685M035C0200 Datasheet
627Kb / 22P
   vPolyTanTM Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Performance Polymer Type
Revision: 16-Nov-15
More results

Similar Description - T55B685M035C0200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T50 VISHAY-T50 Datasheet
612Kb / 15P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors
T56 VISHAY-T56 Datasheet
624Kb / 17P
   vPolyTanTM Polymer Surface Mount Chip Capacitors,
DLA20021 VISHAY-DLA20021 Datasheet
598Kb / 15P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR
DLA04051 VISHAY-DLA04051 Datasheet
1Mb / 19P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, DLA Approved
01-Jan-2023
T58 VISHAY-T58_17 Datasheet
565Kb / 16P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Revision: 05-Oct-17
T58 VISHAY-T58_V01 Datasheet
665Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
01-Jan-2023
T58 VISHAY-T58 Datasheet
558Kb / 16P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Revision: 02-Nov-16
T27 VISHAY-T27 Datasheet
686Kb / 19P
   vPolyTanTM Hermetically Sealed Polymer Surface-Mount Chip Capacitors, Low ESR
01-Jan-2023
T59 VISHAY-T59_V01 Datasheet
668Kb / 18P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type
01-Jan-2023
T55 VISHAY-T55_17 Datasheet
595Kb / 23P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, High Performance Type
Revision: 25-Oct-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com