Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54312 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54312
Description  3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54312 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54312 Datasheet HTML 2Page - Texas Instruments TPS54312 Datasheet HTML 3Page - Texas Instruments TPS54312 Datasheet HTML 4Page - Texas Instruments TPS54312 Datasheet HTML 5Page - Texas Instruments TPS54312 Datasheet HTML 6Page - Texas Instruments TPS54312 Datasheet HTML 7Page - Texas Instruments TPS54312 Datasheet HTML 8Page - Texas Instruments TPS54312 Datasheet HTML 9Page - Texas Instruments TPS54312 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TPS54311, TPS54312
TPS54313, TPS54314
TPS54315, TPS54316
SLVS416A – FEBRUARY 2002 – JULY 2003
www.ti.com
8
APPLICATION INFORMATION
Figure 10 shows the schematic diagram for a typical
TPS54314 application. The TPS54314 (U1) can provide
up to 3 A of output current at a nominal output voltage of
1.8 V. For proper thermal performance, the PowerPAD
underneath the TPS54314 integrated circuit needs to be
soldered to the printed circuit board.
C2
RT
SS/ENA
VBIAS
PWRGD
VSENSE
1
2
3
4
5
6
7
9
VIN
PH
BOOT
PGND
PGND
PGND
PwrPAD
U1
TPS54314PWP
1
2
VO
GND
J3
C7
0.047
µF
R1
10 k
C11
1000 pF
1
J1
2
1
VI
GND
+
1
Optional
71.5 k
L1
5.2
µH
R7
8
10
11
12
13
14
15
16
17
18
19
20
AGND
NC
PH
PH
PH
PH
FSEL
VIN
VIN
C8
10
µF
C3
0.1
µF
+
C9
470
µF
4 V
PWRGD
Figure 10. TPS54314 Schematic
INPUT VOLTAGE
The input to the circuit is a nominal 5 VDC, applied at J1.
The optional input filter (C2) is a 220-
µF POSCAP
capacitor, with a maximum allowable ripple current of 3 A.
C8 is the decoupling capacitor for the TPS54314 and must
be located as close to the device as possible.
FEEDBACK CIRCUIT
The output voltage of the converter is fed directly into the
VSENSE pin of the TPS54314. The TPS54314 is
internally compensated to provide stability of the output
under varying line and load conditions.
OPERATING FREQUENCY
In the application circuit, a 700 kHz operating frequency is
selected by leaving FSEL open and connecting a 71.5 k
resistor between the RT pin and AGND. Different
operating frequencies may be selected by varying the
value of R3 using equation 1:
R
+
500 kHz
Switching Frequency
100 k
W
Alternately, preset operating frequencies of 350 kHz or
550 kHz my be selected by leaving RT open and
connecting the FSEL pin to AGND or VIN respectively.
OUTPUT FILTER
The output filter is composed of a 5.2-
µH inductor and
470-
µF capacitor. The inductor is a low dc resistance
(16-m
Ω) type, Sumida CDRH104R–5R2. The capacitor
used is a 4-V POSCAP with a maximum ESR of 40 m
Ω.
The output filter components work with the internal
compensation network to provide a stable closed loop
response for the converter.
GROUNDING AND PowerPAD LAYOUT
The TPS54311–16 have two internal grounds (analog and
power). Inside the TPS54311–16, the analog ground ties
to all of the noise sensitive signals, while the power ground
ties to the noisier power signals. The PowerPAD must be
connected directly to AGND. Noise injected between the
two grounds can degrade the performance of the
TPS54311–16, particularly at higher output currents.
However, ground noise on an analog ground plane can
also cause problems with some of the control and bias
signals. For these reasons, separate analog and power
ground planes are recommended. These two planes
should tie together directly at the IC to reduce noise
between the two grounds. The only components that
should tie directly to the power ground plane are the input
capacitor, the output capacitor, the input voltage
decoupling capacitor, and the PGND pins of the
TPS54311–16. The layout of the TPS54314 evaluation
module is representative of a recommended layout for a
4-layer
board.
Documentation
for
the
TPS54314
evaluation module can be found on the Texas Instruments
web site under the TPS54314 product folder and in the
application note, TI literature number SLVA111.
LAYOUT CONSIDERATIONS FOR THERMAL
PERFORMANCE
For operation at full rated load current, the analog ground
plane must provide adequate heat dissipating area. A 3
inch by 3 inch plane of 1 ounce copper is recommended,
(1)


Similar Part No. - TPS54312

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54312 TI-TPS54312 Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54312 TI-TPS54312 Datasheet
1Mb / 27P
[Old version datasheet]   TPS5431x 3-V to 6-V Input, 3-A Output Synchronous Buck PWM Switcher With Integrated FETs (SWIFT??
TPS54312 TI1-TPS54312 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54312 TI1-TPS54312 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54312-EP TI1-TPS54312-EP Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
More results

Similar Description - TPS54312

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-Q1 TI1-TPS54311-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI1-TPS54310_16 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54310 TI-TPS54310 Datasheet
142Kb / 14P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com