Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8305S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RTL8305S
Description  5-PORT 10/100 MBPS SINGLE CHIP SWITCH CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8305S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RTL8305S Datasheet HTML 1Page - List of Unclassifed Manufacturers RTL8305S Datasheet HTML 2Page - List of Unclassifed Manufacturers RTL8305S Datasheet HTML 3Page - List of Unclassifed Manufacturers RTL8305S Datasheet HTML 4Page - List of Unclassifed Manufacturers RTL8305S Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8305S Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8305S Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8305S Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8305S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
RTL8305S
2002/02/19
Rev. 1.2
2
1. Features
5-port integrated switch with physical layer and
transceiver for 10Base-T and 100Base-TX with
5-port 10/100M UTP or
4-port 10/100M UTP + 1-port MII/SNI
PHY mode MII/SNI interface for router application
MAC mode MII interface for HomeLAN/100Base-FX
application
1Mbit internal RAM for packet buffer
Internal 1K look-up table entries
25MHz crystal or OSC input
Non-blocking wire-speed reception and transmission
Fully compliant with IEEE 802.3/802.3u
Supports broadcast storm filtering function
Support full duplex 802.3x flow control and half
duplex back-pressure flow control
LED indicators for link/activity, speed, full/half duplex
and collision
LEDs blinking upon reset for LED diagnostics
Unmanaged operation by strapping upon reset
Power saving with cable detection
Low power consumption at 3.3V operating voltage
128-pin PQFP package
2. General Description
The RTL8305S is a highly integrated layer 2 single chip switch controller which incorporates 5 MACs (Media Access
Controller), 5 physical layer transceivers, 1-Mbit SRAM and 1K-entry look-up table into one single chip.
The RTL8305S contains 5 ports, and each one provides support for a 10Base-T (10Mbps) or 100Base-TX (100Mbps) network
connection. The fifth port (port 4) can be configured as a MII/SNI to work with a routing engine, HomePHY or a fiber
transceiver for a 100Base-FX application. And each operation mode can be easily set up by hardware strapping upon restart or
power-on.
The RTL8305S is designed for a stand-alone switch system through hardware strapping upon reset to achieve unmanaged
operation and can be easily integrated with xDSL/Cable modem router. With the least peripheral components and using a
25MHz crystal, the RTL8305S has the best system cost structure. The integrated RTL8305S chip benefits from low power
consumption and ease of use for SOHO 5-port switch or xDSL/Cable router applications.


Similar Part No. - RTL8305S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8305SC ETC2-RTL8305SC Datasheet
1Mb / 160P
   SINGLE-CHIP 5-PORT 10/100MBPS SWITCH CONTROLLER WITH DUAL MII INTERFACES
RTL8305SC-LF ETC2-RTL8305SC-LF Datasheet
1Mb / 160P
   SINGLE-CHIP 5-PORT 10/100MBPS SWITCH CONTROLLER WITH DUAL MII INTERFACES
More results

Similar Description - RTL8305S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADM6926 ETC1-ADM6926 Datasheet
4Mb / 85P
   26 port 10/100 Mbps Ethernet Switch Controller
logo
Infineon Technologies A...
ADM6918 INFINEON-ADM6918 Datasheet
10Mb / 124P
   18 port 10/100 Mbps Ethernet Switch Controller
Data Sheet, Rev 1.01, Nov. 2005
logo
List of Unclassifed Man...
ADM6995L ETC1-ADM6995L Datasheet
1Mb / 57P
   5 PORT 10/100 MB/s SINGLE CHIP ETHERNET SWITCH CONTROLLER
logo
Zarlink Semiconductor I...
MDS105 ZARLINK-MDS105 Datasheet
307Kb / 35P
   Unmanaged 5-Port 10/100 Mbps Ethernet Switch
logo
Davicom Semiconductor, ...
DM9103 DAVICOM-DM9103 Datasheet
629Kb / 89P
   10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
DM9106 DAVICOM-DM9106 Datasheet
547Kb / 92P
   10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
logo
Infineon Technologies A...
ADM6999U INFINEON-ADM6999U Datasheet
5Mb / 85P
   9 port 10/100 Mb/s Single Chip Ethernet Switch Controller
Data Sheet, Rev. 1.42, Nov. 2005
ADM6996F INFINEON-ADM6996F Datasheet
2Mb / 69P
   6 port 10/100 Mb/s Single Chip Ethernet Switch Controller
V1.03
ADM6996L INFINEON-ADM6996L Datasheet
1Mb / 61P
   6 port 10/100 Mb/s Single Chip Ethernet Switch Controller
V1.04
logo
Intel Corporation
LXT972M INTEL-LXT972M Datasheet
1Mb / 92P
   Single-Port 10/100 Mbps PHY Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com