Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBT72415F Datasheet(PDF) 1 Page - Cynergy3 Co

Part # DBT72415F
Description  High Voltage relays 10kV & 15kV
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

DBT72415F Datasheet(HTML) 1 Page - Cynergy3 Co

  DBT72415F Datasheet HTML 1Page - Cynergy3 Co DBT72415F Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cynergy3.com
© 2016 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001CERTIFIED
D Series
High Voltage relays 10kV & 15kV
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
D 2016
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
Very high isolation voltages, up to 15kV,
are achieved through the use of high
vacuum reed switches with either Rhodium
or Tungsten contacts and make these
relays suitable for high reliability
applications, such as cardiac
defibrillators, test equipment and high
voltage power supplies.
The Rhodium contact relays have low
contact resistance, while the Tungsten
contact relays can switch higher voltages.
PCB or Panel Mount, via Nylon studs,
versions are available.
Connection options, for the HV, include
PCB, solder turret(wire wrap), flying lead
and 0.25” spade terminals.
PCB or Panel Mount
Excellent AC characteristics
10kV or 15kV Isolation
Low Contact Resistance
HV connections via Flying Leads, Solder Turret
(wire wrap), or 1/4” Spade Terminals
Contact
Unit Condition
10kV SPNO
10kV SPNC
15kV SPNO
Specification
Contact Material
Rhodium Tunsten
Rhodium Tungsten
Tungsten
Isolation across contacts kV
DC or AC peak
10
10
10
10
15
Switching Power Max.
W
50
50
50
50
50
Switching Voltage Max. V
DC or AC peak
1000
7000
1000
7000
10000
Switching Current Max. A
DC or AC peak
3
2
3
2
2
Carry Current Max
A
DC or AC peak
4
3
4
3
2
Capacitance across
pF
coil to screen
<0.2
<0.2
<0.2
<0.2
<0.2
contacts
grounded
Lifetime
operations
dry switching
10
10
10
10
10
99
9
9
9
50W switching
10
10
10
10
10
66
6
6
6
Contact Resistance
m
max (typical)
50 (15)
250(100) 50 (15) 250(100)
250 (100)
W
Insulation Resistance
min (typical)
10 (10 )
10 (10 )
10 (10 )
W
10
13
10
13
10
13
Coil Specification
5V
12V
24V
5V
12V
24V
5V
12V
24V
Must Operate Voltage
V
DC
3.7
9
20
3.7
9
20
3.7
9
20
Must Release Voltage
V
DC
0.5
1.25
4
0.5
1.25
4
0.5
1.25
4
Operate Time
ms
3.0
3.0
3.0
2.0
2.0
2.0
3.0
3.0
3.0
diode fitted
Release Time
ms
2.0
2.0
2.0
3.0
3.0
3.0
2.0
2.0
2.0
diode fitted
Resistance
28
150
780
38
240
925
16
95
350
W
Relay Specification
Isolation contact/coil
kV
17
17
17
Insulation resistance contact
to all terminals
min (typical)
10 (10 )
10 (10 )
10 (10 )
W
10
13
10
13
10
13
Envirnonmental
Operating Temp range
ºC
-20 to +70
-20 to +70
-20 to +70
Part Numbering System
D A T 7 12 10 F
Reed Switch Size
Contact Form A=n/o, B=n/c
Moulding Ref. No.
Contact Material
R=Rhodium,
T=Tungsten
Coil Voltage
05=5Vdc, 12=12Vdc,
24=24Vdc
Isolation between
Contacts
10=10kV, 15=15kV
Mounting or Connection Style
No suffix indicates PCB mount
F= CB
coil connection
P
mount &
with
Flying lead HV connection
P=Panel mount with wire wrap
terminals
S=PCB
coil connection
mount &
with
stud fixing & 1/4” spade HV
connection (not available on 15kV
models)
T=PCB
coil connection
mount &
with
stud fixing & wire wrap HV
connection
Please refer to this document for circuit design notes:-
http://www.cynergy3.com/blog/application-notes-reed-relays-0


Similar Part No. - DBT72415F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBT72415F ETC2-DBT72415F Datasheet
1Mb / 2P
   high voltage reed relays 15kV, 50W
More results

Similar Description - DBT72415F

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
D-HR CYNERGY3-D-HR Datasheet
73Kb / 2P
   High Insulation Resistance, High Voltage Relays -10kV and 15kV
logo
DB Lectro Inc
130D DBLECTRO-130D Datasheet
541Kb / 2P
   High breakdown voltage 10KV/15KV
133D DBLECTRO-133D Datasheet
541Kb / 2P
   High breakdown voltage 10KV/15KV
logo
List of Unclassifed Man...
DAT72415F ETC2-DAT72415F Datasheet
1Mb / 2P
   high voltage reed relays 15kV, 50W
logo
Cynergy3 Co
DAUL CYNERGY3-DAUL Datasheet
277Kb / 2P
   UL Approved, Normally Open, High Voltage Relays - 10kV
DBUL CYNERGY3-DBUL Datasheet
277Kb / 2P
   UL Approved Normally Closed, High Voltage Relays - 10kV
logo
GETAI ELECTRONICS DEVIC...
2CL72 GETEDZ-2CL72 Datasheet
72Kb / 1P
   5mA 10kV HIGH VOLTAGE DIODES
HV600S10 GETEDZ-HV600S10 Datasheet
68Kb / 1P
   600mA 10kV HIGH VOLTAGE DIODES
HV10G10 GETEDZ-HV10G10 Datasheet
619Kb / 2P
   10mA 10kV 100nS-- High Voltage Diodes
logo
Extech Instruments Corp...
380385 EXTECH-380385 Datasheet
214Kb / 8P
   10KV Digital High Voltage Insulation Tester
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com