Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC4152 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # RC4152
Description  Voltage-to-Frequency Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC4152 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  RC4152 Datasheet HTML 1Page - Fairchild Semiconductor RC4152 Datasheet HTML 2Page - Fairchild Semiconductor RC4152 Datasheet HTML 3Page - Fairchild Semiconductor RC4152 Datasheet HTML 4Page - Fairchild Semiconductor RC4152 Datasheet HTML 5Page - Fairchild Semiconductor RC4152 Datasheet HTML 6Page - Fairchild Semiconductor RC4152 Datasheet HTML 7Page - Fairchild Semiconductor RC4152 Datasheet HTML 8Page - Fairchild Semiconductor RC4152 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RC4152
PRODUCT SPECIFICATION
3
Electrical Characteristics
(VS = +15V, and TA = +25°C unless otherwise noted)
Notes:
1. Temperature coefficient of output current source (pin 1 output) exclusive of reference voltage drift.
2. Guaranteed but not tested.
Parameters
Test Conditions
Min.
Typ.
Max.
Units
Power Supply Requirements (Pin 8)
Supply Current
VS = +15V
2.5
6.0
mA
Supply Voltage
+7.0
+15
+18
V
Input Comparator (Pins 6 and 7)
VOS
±2.0
±10
mV
Input Bias Current
-50
-300
nA
Input Offset Current
±30
±100
nA
Input Voltage Range
0
VS-2
VS-3
V
One Shot (Pin 5)
Threshold Voltage
0.65
0.67
0.69
VS
Input Bias Current
-50
-500
nA
Saturation Voltage
I = 2.2 mA
0.1
0.5
V
Drift of Timing vs. Temperature2
T = 75
ms over the specified
temperature range
±30
±50
ppm/
°C
Timing Drift vs. Supply Voltage
±100
ppm/V
Switched Current Source (pin 1)1
Output Current
RS = 16.7K
+138
mA
Drift vs. Temperature2
over specified temperature range
±50
±100
ppm/
°C
Drift vs. Supply Voltage
0.10
%/V
Leakage Current
Off State
1.0
50
nA
Compliance
Pin 1 = 0V to +10V
1.0
2.5
mA
Reference Voltage (Pin 2)
VREF
2.0
2.25
2.5
V
Drift vs. Temperature2
over specified temperature range
±50
±100
ppm/
°C
Logic output (Pin 3)
Saturation Voltage
ISINK = 3 mA
0.1
0.5
V
ISINK = 10 mA
0.8
V
Leakage Current
Off State
0.1
1.0
mA
Nonlinearity Error
(Voltage Sourced Circuit of Figure 3)
1.0 Hz to 10 kHz
0.007
0.05
%
Temperature Drift Voltage2
(Voltage Sourced Circuit of Figure 3)
FOUT = 10 kHz,
over specified temperature range
±75
±150
ppm/
°C


Similar Part No. - RC4152

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC4151 FAIRCHILD-RC4151 Datasheet
310Kb / 6P
   VOLTAGE-TO-FREQUENCY CONVERTER
RC4151HC FAIRCHILD-RC4151HC Datasheet
310Kb / 6P
   VOLTAGE-TO-FREQUENCY CONVERTER
logo
Texas Instruments
RC4151NB TI-RC4151NB Datasheet
778Kb / 20P
[Old version datasheet]   LM231A/LM231/LM331A/LM331 Precision Voltage-to-Frequency Converters
RC4151NB TI1-RC4151NB Datasheet
952Kb / 23P
[Old version datasheet]   Precision Voltage-to-Frequency Converters
logo
Fairchild Semiconductor
RC4151TC FAIRCHILD-RC4151TC Datasheet
310Kb / 6P
   VOLTAGE-TO-FREQUENCY CONVERTER
More results

Similar Description - RC4152

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
   VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
logo
National Semiconductor ...
LM131A NSC-LM131A Datasheet
280Kb / 16P
   Precision Voltage-to-Frequency Converters
LM231A NSC-LM231A Datasheet
368Kb / 15P
   Precision Voltage-to-Frequency Converters
logo
Texas Instruments
LM231 TI1-LM231_15 Datasheet
952Kb / 23P
[Old version datasheet]   Precision Voltage-to-Frequency Converters
logo
Analog Devices
AD7741 AD-AD7741 Datasheet
131Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742 AD-AD7742_15 Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742YRZ AD-AD7742YRZ Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com