Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTDM-HS-110-44 Datasheet(PDF) 1 Page - Technology Dynamics Inc.

Part # NTDM-HS-110-44
Description  N1 REDUNDANT HOT SWAP POWER SYSTEMS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHNOLOGY [Technology Dynamics Inc.]
Direct Link  http://technologydynamicsinc.com/
Logo TECHNOLOGY - Technology Dynamics Inc.

NTDM-HS-110-44 Datasheet(HTML) 1 Page - Technology Dynamics Inc.

  NTDM-HS-110-44 Datasheet HTML 1Page - Technology Dynamics Inc. NTDM-HS-110-44 Datasheet HTML 2Page - Technology Dynamics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5.25” x 19” x 17.75”
APPLIED POWER CONVERSION
Division of
TECHNOLOGY DYNAMICS INC.
AVAILABLE OPTIONS
Design Excellence since 1976!
SPECIFICATIONS
NTDM-HS SERIES
1500W-6000W
N+1 REDUNDANT HOT SWAP POWER SYSTEMS
The NTDM-4HS Series of Hot Swap Rack
Power Supply systems offer (N+1) redundant
or high power paralleled outputs of 2 modules
per enclosure. This series is especially suitable
for critical telecom and wireless systems or
where bulk power is required. Modules may
be removed while system is active for ease
of replacement resulting in no down time.
STANDARD FEATURES
APPLICATIONS
LED Indicators (Each Module):
Output Power Good; Input Power Good
Tightly Regulated
Power Factor Correction
Militarized Version: MIL-STD-810
Low Voltage Battery Disconnect
(LVBD) for Battery Back-Up Operation
Equipped with Isolation
Diodes for Redundancy/Parallel Operation
Circuit Breaker Input
OV/OL/OT Protection Main Output
Floating Connectors for Hot Swap Insertion
Remote Sensing Post Isolation Diodes
Sturdy Fold Down Handle
Terminal Block Input
3 Phase Input
400 Hz Operation
Circular Connector Type MS-3102
Militarized Version: MIL-STD-461
ELECTRICAL:
MECHANICAL & ENVIRONMENTAL
Input:
(1500W) Module 85-132 - 175-265VAC, 47-63 Hz
(2000-3000W) Module 220VAC 1Phase or 115/208 3Phase
Regulation: Line ± .3%
Load ± 2%
Ripple: 1% Peak to Peak, Not to Exceed 200mV
Efficiency: 80% Typical
Hold Up Time: 20ms Min.
In Rush Current: 60A max ½ Cycle/Module
Protections: OV,OL & OT
Operational Temperature: 0˚C to + 50˚C Standard
-40˚C to + 60˚C Optional
Cooling: Internal DC Fan
Weight: Modules (15 lbs) Each, Rack (24.5 lbs)
Size: 5.25”(H) x 19” Std. Rack (W) x 17.75” (L)
Storage Temperature: 0˚C to + 85˚C
MTBF > 150.000 Hours
SPECIFICATIONS
A
A
AS 9100
CertificateNo:US008267-1


Similar Part No. - NTDM-HS-110-44

ManufacturerPart #DatasheetDescription
logo
TECHNOLOGY ASSISTANCE B...
NTDM-110-14 TAB-NTDM-110-14 Datasheet
674Kb / 2P
   1500-3000 WATT SINGLE OUTPUT SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
NTDM-110-14 TECHNOLOGY-NTDM-110-14 Datasheet
674Kb / 2P
   SWITCHING POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
NTDM-110-18 TAB-NTDM-110-18 Datasheet
674Kb / 2P
   1500-3000 WATT SINGLE OUTPUT SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
NTDM-110-18 TECHNOLOGY-NTDM-110-18 Datasheet
674Kb / 2P
   SWITCHING POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
NTDM-110-22 TAB-NTDM-110-22 Datasheet
674Kb / 2P
   1500-3000 WATT SINGLE OUTPUT SWITCHING POWER SUPPLIES
More results

Similar Description - NTDM-HS-110-44

ManufacturerPart #DatasheetDescription
logo
Technology Dynamics Inc...
NTDM-4HS-12-500 TECHNOLOGY-NTDM-4HS-12-500 Datasheet
180Kb / 2P
   N1 REDUNDANT HOT SWAP POWER SYSTEMS
NTDM-6HS-12-750 TECHNOLOGY-NTDM-6HS-12-750 Datasheet
995Kb / 2P
   N1 REDUNDANT HOT SWAP POWER SYSTEMS
logo
International Rectifier
IR3510 IRF-IR3510 Datasheet
26Kb / 1P
   HOT-SWAP N1 REDUNDANT XPHASETM CONTROL IC
logo
Texas Instruments
TPS2398 TI-TPS2398 Datasheet
388Kb / 20P
[Old version datasheet]   -48V HOT SWAP CONTROLLER FOR REDUNDANT SUPPLY SYSTEMS
logo
Technology Dynamics Inc...
PTCP-HS-5-180 TECHNOLOGY-PTCP-HS-5-180 Datasheet
173Kb / 2P
   HOT SWAP POWER SYSTEMS
logo
Axiomtek Co., Ltd.
AX6156LE AXIOMTEK-AX6156LE Datasheet
704Kb / 2P
   Hot-swap redundant power supply supported
logo
Texas Instruments
TPS2399DGKG4 TI1-TPS2399DGKG4 Datasheet
993Kb / 28P
[Old version datasheet]   -48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
logo
ON Semiconductor
TPS2398 ONSEMI-TPS2398 Datasheet
363Kb / 15P
   -48 V Hot Swap Controller for Redundant Supply Systems
August, 2017 ??Rev. 0
logo
Sparkle Power Inc.
SPR2C620 SPI-SPR2C620 Datasheet
89Kb / 1P
   620 Watts 11, 2U Hot-Swap Redundant Switching Power Supply
SPR2C350 SPI-SPR2C350 Datasheet
89Kb / 1P
   350 Watts 11, 2U Hot-Swap Redundant Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com