Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTDM-HS-110-44 Datasheet(PDF) 2 Page - Technology Dynamics Inc.

Part # NTDM-HS-110-44
Description  N1 REDUNDANT HOT SWAP POWER SYSTEMS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHNOLOGY [Technology Dynamics Inc.]
Direct Link  http://technologydynamicsinc.com/
Logo TECHNOLOGY - Technology Dynamics Inc.

NTDM-HS-110-44 Datasheet(HTML) 2 Page - Technology Dynamics Inc.

  NTDM-HS-110-44 Datasheet HTML 1Page - Technology Dynamics Inc. NTDM-HS-110-44 Datasheet HTML 2Page - Technology Dynamics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MECHANICAL OUTLINE
MODEL SELECTION
1500 WATT MODULES
2000 WATT MODULES
2500 WATT MODULES
3000 WATT MODULES
Max. Volts/Amps
Per Module
System Model
2 Modules
12V@125A
15V@100A
24V@62A
28V@54A
48V@31A
110@14A
3000W PARALLEL/1500 REDUNDANT
4000W PARALLEL/2000 REDUNDANT
5000W PARALLEL/2500 REDUNDANT
6000W PARALLEL/3000 REDUNDANT
CONSULT FACTORY
CONSULT FACTORY
CONSULT FACTORY
Max. Volts/Amps
Per Module
System Model
2 Modules
Max. Volts/Amps
Per Module
System Model
2 Modules
Max. Volts/Amps
Per Module
System Model
2 Modules
24V@83A
28V@71A
48V@41A
110V@18A
24V@104A
28V@89A
48V@52A
110V@22A
24V@125A
28V@107A
48V@62A
110V@27A
NTDM-HS-12-250
NTDM-HS-15-200
NTDM-HS-24-124
NTDM-HS-28-108
NTDM-HS-48-62
NTDM-HS-110-28
NTDM-HS-24-166
NTDM-HS-28-142
NTDM-HS-48-82
NTDM-HS-110-36
NTDM-HS-24-208
NTDM-HS-28-178
NTDM-HS-48-102
NTDM-HS-110-44
NTDM-HS-24-250
NTDM-HS-28-208
NTDM-HS-48-124
NTDM-HS-110-54
Note: Model information assumes a fully populated rack (2 modules).
Low Voltage Battery Disconnect
The LVBD module adds a new dimension to
battery backup power supplies. The power
supply simultaneously charges the battery and
powers the load. If the AC power fails, the
battery continues to support the load. However,
when the battery voltage drops below a pre-
determined level, the LVBD module disconnects
the battery from the load, thereby protecting the
battery from the damaging effects of complete
discharge.
Terminal Block Covers
Ruggedized/Militarized
-MIL
Battery Back-Up
-LVBD
Power Factor Correction
-PFC
3 Phase Input
-3PH
400 Hz Operation
-4HZ
Additional EMI Filtering
-EMI
Meter (Volt/Amp) on Each Module
-MTR
Options Designations
SFX.
-TBC
O.L.
ADJ
VOLT
ADJ
O.V.
ADJ
ADJUSTMENTS
100 SCHOOL ST. BERGENFIELD, NJ 07621 USA
TECHNOLOGY DYNAMICS INC.
GOOD
INPUT
OUTPUT
GOOD
TECHNOLOGY DYNAMICS INC.
100 SCHOOL ST. BERGENFIELD, NJ 07621 USA
GOOD
INPUT
GOOD
OUTPUT
ADJUSTMENTS
ADJ
O.L.
ADJ
O.V.
ADJ
VOLT
TOP VIEW
FRONT VIEW
133.10mm
5.24"
AIR INLET
MODULE #1
MODULE #2
REAR VIEW
SIDE VIEW
450.85mm/17.75"
427.74mm/16.84"
31.24mm
1.23"
J1 INPUT CONNECTOR
ITT CONNECTOR
P/N MS3102R24-10P
POSITIVE OUTPUT
NEGATIVE OUTPUT
LOGIC CONNECTOR
DAM-15S
1/4/-20 STUD X 1.75 LG
1/4-20 STUD X 1.75 LG
AIR FLOW
87.63mm
3.45"
217.42mm/8.56"
331.22mm/13.04"
41.91mm
1.65"
AIR
AIR
CIRCUIT
BREAKERS
NAMEPLATE
ADJUSTMENTS
CIRCUIT
BREAKER
482.60mm/19.00"
37.69mm
1.926"
94.84mm
4.847"
133.10mm
5.24"
44.07mm
2.252"
CHASSIS SLIDE CENTER LINE
CHASSIS SLIDE(BOTH SIDES)
J1 INPUT
J2
LOGIC
E1
E2
OUTPUT
TECHNOLOGY DYNAMICS INC.
100 School Street, Bergenfield, NJ 07621
Phone: (201) 385-0500, Fax: (201) 385-0702
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
www.technologydynamicsinc.com
Rev. A


Similar Part No. - NTDM-HS-110-44

ManufacturerPart #DatasheetDescription
logo
TECHNOLOGY ASSISTANCE B...
NTDM-110-14 TAB-NTDM-110-14 Datasheet
674Kb / 2P
   1500-3000 WATT SINGLE OUTPUT SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
NTDM-110-14 TECHNOLOGY-NTDM-110-14 Datasheet
674Kb / 2P
   SWITCHING POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
NTDM-110-18 TAB-NTDM-110-18 Datasheet
674Kb / 2P
   1500-3000 WATT SINGLE OUTPUT SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
NTDM-110-18 TECHNOLOGY-NTDM-110-18 Datasheet
674Kb / 2P
   SWITCHING POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
NTDM-110-22 TAB-NTDM-110-22 Datasheet
674Kb / 2P
   1500-3000 WATT SINGLE OUTPUT SWITCHING POWER SUPPLIES
More results

Similar Description - NTDM-HS-110-44

ManufacturerPart #DatasheetDescription
logo
Technology Dynamics Inc...
NTDM-4HS-12-500 TECHNOLOGY-NTDM-4HS-12-500 Datasheet
180Kb / 2P
   N1 REDUNDANT HOT SWAP POWER SYSTEMS
NTDM-6HS-12-750 TECHNOLOGY-NTDM-6HS-12-750 Datasheet
995Kb / 2P
   N1 REDUNDANT HOT SWAP POWER SYSTEMS
logo
International Rectifier
IR3510 IRF-IR3510 Datasheet
26Kb / 1P
   HOT-SWAP N1 REDUNDANT XPHASETM CONTROL IC
logo
Texas Instruments
TPS2398 TI-TPS2398 Datasheet
388Kb / 20P
[Old version datasheet]   -48V HOT SWAP CONTROLLER FOR REDUNDANT SUPPLY SYSTEMS
logo
Technology Dynamics Inc...
PTCP-HS-5-180 TECHNOLOGY-PTCP-HS-5-180 Datasheet
173Kb / 2P
   HOT SWAP POWER SYSTEMS
logo
Axiomtek Co., Ltd.
AX6156LE AXIOMTEK-AX6156LE Datasheet
704Kb / 2P
   Hot-swap redundant power supply supported
logo
Texas Instruments
TPS2399DGKG4 TI1-TPS2399DGKG4 Datasheet
993Kb / 28P
[Old version datasheet]   -48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
logo
ON Semiconductor
TPS2398 ONSEMI-TPS2398 Datasheet
363Kb / 15P
   -48 V Hot Swap Controller for Redundant Supply Systems
August, 2017 ??Rev. 0
logo
Sparkle Power Inc.
SPR2C620 SPI-SPR2C620 Datasheet
89Kb / 1P
   620 Watts 11, 2U Hot-Swap Redundant Switching Power Supply
SPR2C350 SPI-SPR2C350 Datasheet
89Kb / 1P
   350 Watts 11, 2U Hot-Swap Redundant Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com