Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3001D1PWP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3001D1PWP
Description  20 W MONO CLASS D AUDIO POWER AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3001D1PWP Datasheet(HTML) 5 Page - Texas Instruments

  TPA3001D1PWP Datasheet HTML 1Page - Texas Instruments TPA3001D1PWP Datasheet HTML 2Page - Texas Instruments TPA3001D1PWP Datasheet HTML 3Page - Texas Instruments TPA3001D1PWP Datasheet HTML 4Page - Texas Instruments TPA3001D1PWP Datasheet HTML 5Page - Texas Instruments TPA3001D1PWP Datasheet HTML 6Page - Texas Instruments TPA3001D1PWP Datasheet HTML 7Page - Texas Instruments TPA3001D1PWP Datasheet HTML 8Page - Texas Instruments TPA3001D1PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TPA3001D1
SLOS398A − DECEMBER 2002 − REVISED APRIL 2003
5
www.ti.com
operating characteristics, PVCC = VCC = 18 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output power at 10% THD+N
f = 1 kHz,
RL = 4 Ω
12.8
PO
Output power at 10% THD+N
f = 1 kHz,
RL = 8 Ω
20
W
PO
Output power at 1% THD+N
f = 1 kHz,
RL = 4 Ω
10.3
W
Output power at 1% THD+N
f = 1 kHz,
RL = 8 Ω
16
THD + N
Total harmonic distortion plus noise
PO = 15 W, RL = 8 Ω
f = 20 Hz to 20 kHz
1%
THD + N
Total harmonic distortion plus noise
PO = 2 W, RL = 8 Ω
f = 20 Hz to 20 kHz
0.3%
BOM
Maximum output power bandwidth
THD = 1%
20
kHz
kSVR
Supply ripple rejection ratio
f = 1 kHz,
CBYPASS = 1 µF
−70
dB
SNR
Signal-to-noise ratio
PO = 15 W, RL = 8 Ω
102
dB
C(BYPASS) = 1 µF,
f = 20 Hz to 20 kHz,
86
µV(rms)
Vn
Noise output voltage
C(BYPASS) = 1 µF,
f = 20 Hz to 20 kHz,
No weighting filter used, Gain = 12 dB
−81
dBV
Vn
Noise output voltage
C(BYPASS) = 1 µF,
f = 20 Hz to 22 kHz,
66
µV(rms)
C(BYPASS) = 1 µF,
f = 20 Hz to 22 kHz,
A-weighted filter,
Gain = 12 dB
−84
dBV
Zi
Input impedance
See Table 1, page 21
>23
k
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Efficiency
vs Output power
1
PO
Output power
vs Load Impedance
2, 3, 4
ICC
Supply current
vs Supply voltage
5
ICC(SD)
Shutdown current
vs Supply voltage
6
THD+N
Total harmonic distortion + noise
vs Output power
7, 8, 9, 10, 11,
12, 13, 14, 15,
16, 17, 18
THD+N
Total harmonic distortion + noise
vs Frequency
19, 20, 21, 22,
23, 24, 25
kSVR
Supply voltage rejection ratio
26
Gain and phase
vs Frequency
27
CMRR
Common-mode rejection ratio
vs Frequency
28
VIO
Input offset voltage
vs Common-mode input voltage
29


Similar Part No. - TPA3001D1PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3001D1PWP TI-TPA3001D1PWP Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1PWPG4 TI-TPA3001D1PWPG4 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1PWPR TI-TPA3001D1PWPR Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1PWPRG4 TI-TPA3001D1PWPRG4 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3001D1PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3001D1 TI-TPA3001D1_07 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_15 Datasheet
768Kb / 30P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1EVM TI1-TPA3106D1EVM Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com