Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T55D227M6R3C0025 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # T55D227M6R3C0025
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors,
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T55D227M6R3C0025 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button T55D227M6R3C0025 Datasheet HTML 5Page - Vishay Siliconix T55D227M6R3C0025 Datasheet HTML 6Page - Vishay Siliconix T55D227M6R3C0025 Datasheet HTML 7Page - Vishay Siliconix T55D227M6R3C0025 Datasheet HTML 8Page - Vishay Siliconix T55D227M6R3C0025 Datasheet HTML 9Page - Vishay Siliconix T55D227M6R3C0025 Datasheet HTML 10Page - Vishay Siliconix T55D227M6R3C0025 Datasheet HTML 11Page - Vishay Siliconix T55D227M6R3C0025 Datasheet HTML 12Page - Vishay Siliconix T55D227M6R3C0025 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
T55
www.vishay.com
Vishay Polytech
Revision: 02-Nov-16
9
Document Number: 40174
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
10 VDC AT +105 °C
22
A
T55A226M010C0500
22.0
10
500
0.48
1000
22
A
T55A226M010C0200
22.0
10
200
0.76
1000
22
T
T55T226M010C0200
22.0
10
200
0.72
1000
22
T
T55T226M010C0150
22.0
10
150
0.84
1000
22
T
T55T226M010C0070
22.0
10
70
1.22
1000
22
B
T55B226M010C0300
22.0
8
300
0.66
1000
22
B
T55B226M010C0200
22.0
8
200
0.81
1000
22
B
T55B226M010C0150
22.0
8
150
0.93
1000
22
B
T55B226M010C0070
22.0
8
70
1.36
1000
33
A
T55A336M010C0500
33.0
10
500
0.48
1000
33
A
T55A336M010C0150
33.0
10
150
0.88
1000
33
A
T55A336M010C0070
33.0
10
70
1.28
1000
33
A
T55A336M010C0200
33.0
10
200
0.76
1000
33
T
T55T336M010C0200
33.0
10
200
0.72
1000
33
T
T55T336M010C0150
33.0
10
150
0.84
1000
33
T
T55T336M010C0080
33.0
10
80
1.14
1000
33
T
T55T336M010C0070
33.0
10
70
1.22
1000
33
T
T55T336M010C0040
33.0
8
40
1.62
1000
33
B
T55B336M010C0200
33.0
8
200
0.81
1000
33
B
T55B336M010C0150
33.0
8
150
0.93
1000
33
B
T55B336M010C0080
33.0
8
80
1.27
1000
33
B
T55B336M010C0070
33.0
8
70
1.36
1000
47
B
T55B476M010C0150
47.0
8
150
0.93
1000
47
B
T55B476M010C0070
47.0
8
70
1.36
1000
68
V
T55V686M010C0100
68.0
10
100
1.36
1000
68
V
T55V686M010C0060
68.0
10
60
1.76
1000
100
V
T55V107M010C0045
100.0
10
45
2.03
1000
100
D
T55D107M010C0080
100.0
10
80
1.67
1000
100
D
T55D107M010C0055
100.0
10
55
2.02
1000
100
D
T55D107M010C0045
100.0
10
45
2.23
1000
100
D
T55D107M010C0025
100.0
10
25
3.00
1000
100
D
T55D107M010C0018
100.0
10
18
3.53
1000
150
V
T55V157M010C0055
150.0
10
55
1.84
1000
150
V
T55V157M010C0045
150.0
10
45
2.03
1000
150
V
T55V157M010C0040
150.0
10
40
2.16
1000
150
V
T55V157M010C0025
150.0
10
25
2.73
1000
150
V
T55V157M010C0015
150.0
10
15
3.53
1000
220
V
T55V227M010C0050
220.0
10
50
1.93
1000
220
V
T55V227M010C0045
220.0
10
45
2.03
1000
220
V
T55V227M010C0040
220.0
10
40
2.16
1000
220
V
T55V227M010C0025
220.0
10
25
2.73
1000
220
V
T55V227M010C0018
220.0
10
18
3.22
1000
220
D
T55D227M010C0055
220.0
10
55
2.02
1000
220
D
T55D227M010C0050
220.0
10
50
2.12
1000
220
D
T55D227M010C0040
220.0
10
40
2.37
1000
220
D
T55D227M010C0025
220.0
10
25
3.00
1000
220
D
T55D227M010C0018
220.0
10
18
3.53
1000
330
D
T55D337M010C0040
330.0
10
40
2.37
1000
330
D
T55D337M010C0035
330.0
10
35
2.53
1000
330
D
T55D337M010C0025
330.0
10
25
3.00
1000
330
D
T55D337M010C0018
330.0
10
18
3.53
1000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT 25 °C
(μA)
MAX. DF
AT 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(m
Ω)
MAX. RIPPLE
AT 45 °C
100 kHz IRMS
(A)
HIGH
TEMPERATURE
LOAD, TIME
(h)
Notes
• Termination code “C”: cases J, P: 100 % tin, case A: 100 % tin or Ni / Pd / Au, cases T, B, V, D: Ni / Pd / Au.
(1) Rating in development, contact factory for availability.


Similar Part No. - T55D227M6R3C0025

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T55D227M6R3C0025 VISHAY-T55D227M6R3C0025 Datasheet
627Kb / 22P
   vPolyTanTM Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Performance Polymer Type
Revision: 16-Nov-15
More results

Similar Description - T55D227M6R3C0025

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T50 VISHAY-T50 Datasheet
612Kb / 15P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors
T56 VISHAY-T56 Datasheet
624Kb / 17P
   vPolyTanTM Polymer Surface Mount Chip Capacitors,
DLA20021 VISHAY-DLA20021 Datasheet
598Kb / 15P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR
DLA04051 VISHAY-DLA04051 Datasheet
1Mb / 19P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, DLA Approved
01-Jan-2023
T58 VISHAY-T58_17 Datasheet
565Kb / 16P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Revision: 05-Oct-17
T58 VISHAY-T58_V01 Datasheet
665Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
01-Jan-2023
T58 VISHAY-T58 Datasheet
558Kb / 16P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Revision: 02-Nov-16
T27 VISHAY-T27 Datasheet
686Kb / 19P
   vPolyTanTM Hermetically Sealed Polymer Surface-Mount Chip Capacitors, Low ESR
01-Jan-2023
T59 VISHAY-T59_V01 Datasheet
668Kb / 18P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type
01-Jan-2023
T55 VISHAY-T55_17 Datasheet
595Kb / 23P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, High Performance Type
Revision: 25-Oct-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com