Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N64S818HA Datasheet(PDF) 4 Page - ON Semiconductor

Part # N64S818HA
Description  64 kb Low Power Serial SRAMs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N64S818HA Datasheet(HTML) 4 Page - ON Semiconductor

  N64S818HA Datasheet HTML 1Page - ON Semiconductor N64S818HA Datasheet HTML 2Page - ON Semiconductor N64S818HA Datasheet HTML 3Page - ON Semiconductor N64S818HA Datasheet HTML 4Page - ON Semiconductor N64S818HA Datasheet HTML 5Page - ON Semiconductor N64S818HA Datasheet HTML 6Page - ON Semiconductor N64S818HA Datasheet HTML 7Page - ON Semiconductor N64S818HA Datasheet HTML 8Page - ON Semiconductor N64S818HA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
N64S818HA
http://onsemi.com
4
Table 7. TIMING
Item
Symbol
Min
Max
Units
Clock Frequency
fCLK
16
MHz
Clock Rise Time
tR
2
ms
Clock Fall Time
tF
2
ms
Clock High Time
tHI
32
ns
Clock Low Time
tLO
32
ns
Clock Delay Time
tCLD
32
ns
CS Setup Time
tCSS
32
ns
CS Hold Time
tCSH
50
ns
CS Disable Time
tCSD
32
ns
SCK to CS
tSCS
5
ns
Data Setup Time
tSU
10
ns
Data Hold Time
tHD
10
ns
Output Valid From Clock Low
tV
32
ns
Output Hold Time
tHO
0
ns
Output Disable Time
tDIS
20
ns
HOLD Setup Time
tHS
10
ns
HOLD Hold Time
tHH
10
ns
HOLD Low to Output High−Z
tHZ
10
ns
HOLD High to Output Valid
tHV
50
ns


Similar Part No. - N64S818HA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N64S818HA ONSEMI-N64S818HA Datasheet
206Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
July 2008 - Rev. J
N64S818HAS21I ONSEMI-N64S818HAS21I Datasheet
206Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
July 2008 - Rev. J
N64S818HAS21IT ONSEMI-N64S818HAS21IT Datasheet
206Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
July 2008 - Rev. J
N64S818HAT21I ONSEMI-N64S818HAT21I Datasheet
206Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
July 2008 - Rev. J
N64S818HAT21IT ONSEMI-N64S818HAT21IT Datasheet
206Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
July 2008 - Rev. J
More results

Similar Description - N64S818HA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N64S830HA ONSEMI-N64S830HA_12 Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
N25S818HA ONSEMI-N25S818HA_12 Datasheet
152Kb / 12P
   256 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
N25S830HA ONSEMI-N25S830HA_14 Datasheet
98Kb / 12P
   256 kb Low Power Serial SRAMs
December, 2014 ??Rev. 11
NV25640WF ONSEMI-NV25640WF Datasheet
195Kb / 13P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 1
N24C64 ONSEMI-N24C64_18 Datasheet
213Kb / 14P
   EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. 2
CAT25640 ONSEMI-CAT25640_18 Datasheet
316Kb / 20P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 11
CAV24C64 ONSEMI-CAV24C64_18 Datasheet
339Kb / 17P
   EEPROM Serial 64-Kb I2C
April, 2018 ??Rev. 4
NV24C64LV ONSEMI-NV24C64LV Datasheet
324Kb / 18P
   EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. P3
CAT24C64LI ONSEMI-CAT24C64LI Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAT25640VI ONSEMI-CAT25640VI Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com