Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS9714 Datasheet(PDF) 4 Page - NEC

Part No. PS9714
Description  NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

PS9714 Datasheet(HTML) 4 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TA = +85°C
+50°C
+25°C
0°C
-25°C
100
10
1
0.1
0.01
1.0
1.2
2.0
1.4
2.2
1.6
1.8
2.4
TYPICAL PERFORMANCE CURVES (TA = 25°C, unless otherwise specified)
PS9714
12
10
8
6
4
2
0
-50
-25
0
25
50
75
100
ICCL (IF = 10 mA)
ICCH (IF = 0 mA)
VCC = 5.0 V,
TA = 25°C
RL = 350 Ω
1.0 Ω
4.0 kΩ, 4.7 kΩ
01
234
5
6
6
5
4
3
2
1
IF = 5.0 mA
VCC = 5.5 V
IOL = 16.0 mA
13.0 mA
10.0 mA
6.0 mA
-50
-25
0
25
50
75
100
0.6
0.5
0.4
0.3
0.2
0.1
0
VCC = 5.0 V
VO = 0.6 V
2.5
2.0
1.5
1.0
0.5
0
-50
-25
0
25
50
75
100
RL = 350 Ω
1.0 Ω
4.7 kΩ, 4.0 kΩ
100
80
60
40
20
0
-50
-25
0
25
50
75
100
IF = 7 mA
VCC = 5.0 V
tPLH: RL = 1.0 kΩ
tPLH: RL = 350 Ω
tPHL: RL = 350 Ω, 1.0 kΩ
FORWARD CURRENT vs.
FORWARD VOLTAGE
DETECTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Forward Voltage, VF (V)
Ambient Temperature, TA (°C)
OUTPUT VOLTAGE vs. INPUT CURRENT
Input Current, IF (mA)
Ambient Temperature, TA (°C)
THRESHOLD INPUT CURRENT
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (°C)
PROPAGATION DELAY TIME
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (°C)
LOW LEVEL OUTPUT VOLTAGE
vs. AMBIENT TEMPERATURE


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn