Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N25S818HAS21IT Datasheet(PDF) 4 Page - ON Semiconductor

Part # N25S818HAS21IT
Description  256 kb Low Power Serial SRAMs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N25S818HAS21IT Datasheet(HTML) 4 Page - ON Semiconductor

  N25S818HAS21IT Datasheet HTML 1Page - ON Semiconductor N25S818HAS21IT Datasheet HTML 2Page - ON Semiconductor N25S818HAS21IT Datasheet HTML 3Page - ON Semiconductor N25S818HAS21IT Datasheet HTML 4Page - ON Semiconductor N25S818HAS21IT Datasheet HTML 5Page - ON Semiconductor N25S818HAS21IT Datasheet HTML 6Page - ON Semiconductor N25S818HAS21IT Datasheet HTML 7Page - ON Semiconductor N25S818HAS21IT Datasheet HTML 8Page - ON Semiconductor N25S818HAS21IT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
N25S818HA
http://onsemi.com
4
Table 6. TIMING TEST CONDITIONS
Item
Input Pulse Level
0.1 VCC to 0.9 VCC
Input Rise and Fall Time
5 ns
Input and Output Timing Reference Levels
0.5 VCC
Output Load
CL = 100 pF
Operating Temperature
−40 to +85°C
Table 7. TIMING
Item
Symbol
Min
Max
Units
Clock Frequency
fCLK
16
MHz
Clock Rise Time
tR
2
ms
Clock Fall Time
tF
2
ms
Clock High Time
tHI
32
ns
Clock Low Time
tLO
32
ns
Clock Delay Time
tCLD
32
ns
CS Setup Time
tCSS
32
ns
CS Hold Time
tCSH
50
ns
CS Disable Time
tCSD
32
ns
SCK to CS
tSCS
5
ns
Data Setup Time
tSU
10
ns
Data Hold Time
tHD
10
ns
Output Valid From Clock Low
tV
32
ns
Output Hold Time
tHO
0
ns
Output Disable Time
tDIS
20
ns
HOLD Setup Time
tHS
10
ns
HOLD Hold Time
tHH
10
ns
HOLD Low to Output High−Z
tHZ
10
ns
HOLD High to Output Valid
tHV
50
ns


Similar Part No. - N25S818HAS21IT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N25S818HAS21IT ONSEMI-N25S818HAS21IT Datasheet
211Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
More results

Similar Description - N25S818HAS21IT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N25S830HA ONSEMI-N25S830HA_14 Datasheet
98Kb / 12P
   256 kb Low Power Serial SRAMs
December, 2014 ??Rev. 11
N64S830HA ONSEMI-N64S830HA_12 Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
N64S818HA ONSEMI-N64S818HA_12 Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 11
CAV24C256 ONSEMI-CAV24C256_18 Datasheet
265Kb / 14P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 1
CAT25256 ONSEMI-CAT25256_18 Datasheet
387Kb / 22P
   EEPROM Serial 256-Kb SPI
June, 2018 ??Rev. 11
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT24C256 ONSEMI-CAT24C256_18 Datasheet
375Kb / 20P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 15
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
CAT24C256WI-G ONSEMI-CAT24C256WI-G Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com