Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N25S830HAS22I Datasheet(PDF) 10 Page - ON Semiconductor

Part # N25S830HAS22I
Description  256 kb Low Power Serial SRAMs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N25S830HAS22I Datasheet(HTML) 10 Page - ON Semiconductor

Back Button N25S830HAS22I Datasheet HTML 4Page - ON Semiconductor N25S830HAS22I Datasheet HTML 5Page - ON Semiconductor N25S830HAS22I Datasheet HTML 6Page - ON Semiconductor N25S830HAS22I Datasheet HTML 7Page - ON Semiconductor N25S830HAS22I Datasheet HTML 8Page - ON Semiconductor N25S830HAS22I Datasheet HTML 9Page - ON Semiconductor N25S830HAS22I Datasheet HTML 10Page - ON Semiconductor N25S830HAS22I Datasheet HTML 11Page - ON Semiconductor N25S830HAS22I Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
N25S830HA
www.onsemi.com
10
WRITE Status Register Instruction (WRSR)
This instruction provides the ability to write the status
register and select among several operating modes. Several
of the register bits must be set to a low ‘0’ if any of the other
bits are written. The timing sequence to write to the status
register is shown below, followed by the organization of the
status register.
CS
Instruction
SI
04
3
25
16
9
810
711
SCK
7
654
3
21
0
High−Z
Status Register Data In
SO
00
0
00
1
0
12
13
14
15
0
Figure 14. WRITE Status Register Sequence
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Hold Function
0 = Hold (Default)
1 = No Hold
Reserved
Must = 0
Reserved
Must = 0
Mode
0 0 = Word Mode (Default)
1 0 = Page Mode
0 1 = Burst Mode
1 1 = Reserved
Figure 15. Status Register
READ Status Register Instruction (RDSR)
This instruction provides the ability to read the Status register. The register may be read at any time by performing the
following timing sequence.
CS
Instruction
SI
04
3
25
16
9
810
711
SCK
7
65
43
21
0
High−Z
Status Register Data Out
SO
00
0
00
1
0
12
13
14
15
1
Figure 16. READ Status Register Instruction (RDSR)
Power−Up State
The serial SRAM enters a know state at power−up time. The device is in low−power standby state with CS = 1. A low level
on CS is required to enter an active state.


Similar Part No. - N25S830HAS22I

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N25S830HAS22I ONSEMI-N25S830HAS22I Datasheet
236Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
N25S830HAS22IT ONSEMI-N25S830HAS22IT Datasheet
236Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
More results

Similar Description - N25S830HAS22I

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N25S818HA ONSEMI-N25S818HA_12 Datasheet
152Kb / 12P
   256 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
N64S830HA ONSEMI-N64S830HA_12 Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 12
N64S818HA ONSEMI-N64S818HA_12 Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 11
CAV24C256 ONSEMI-CAV24C256_18 Datasheet
265Kb / 14P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 1
CAT25256 ONSEMI-CAT25256_18 Datasheet
387Kb / 22P
   EEPROM Serial 256-Kb SPI
June, 2018 ??Rev. 11
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT24C256 ONSEMI-CAT24C256_18 Datasheet
375Kb / 20P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 15
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
CAT24C256WI-G ONSEMI-CAT24C256WI-G Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com