Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14066BDTR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC14066BDTR2G
Description  Quad Analog Switch/Quad Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14066BDTR2G Datasheet(HTML) 5 Page - ON Semiconductor

  MC14066BDTR2G Datasheet HTML 1Page - ON Semiconductor MC14066BDTR2G Datasheet HTML 2Page - ON Semiconductor MC14066BDTR2G Datasheet HTML 3Page - ON Semiconductor MC14066BDTR2G Datasheet HTML 4Page - ON Semiconductor MC14066BDTR2G Datasheet HTML 5Page - ON Semiconductor MC14066BDTR2G Datasheet HTML 6Page - ON Semiconductor MC14066BDTR2G Datasheet HTML 7Page - ON Semiconductor MC14066BDTR2G Datasheet HTML 8Page - ON Semiconductor MC14066BDTR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MC14066B
http://onsemi.com
5
TEST CIRCUITS
Figure 1.
DV Across Switch
Figure 2. Turn−On Delay Time Test Circuit
and Waveforms
Figure 3. Bandwidth and
Feedthrough Attenuation
Figure 4. Channel Separation
Figure 5. Crosstalk,
Control to Output
Figure 6. Off Channel Leakage
CONTROL
SECTION
OF IC
SOURCE
V
LOAD
ON SWITCH
Vout
Vout
VC
VC
Vout
Vin
RL
CL
20 ns
VDD
VSS
90%
50%
10%
tPZH
tPHZ
tPZL
tPLZ
10%
90%
10%
Vx
Vout
CL
RL
VDD
VSS
VC
Vin
VDD - VSS
2
VDD - VSS
2
Vin
VDD
VSS
RL
CL
RL
CL
Vin
1 k
Vout
RL
CL = 50 pF
VC = -5.0 V TO +5.0 V SWING
VC = VDD FOR BANDWIDTH TEST
VC = VSS FOR FEEDTHROUGH TEST
OFF CHANNEL UNDER TEST
VDD
VSS
VSS
VDD
A
CONTROL
SECTION
OF IC
90%
Vin = VDD
Vx = VSS
Vin = VSS
Vx = VDD
10 k


Similar Part No. - MC14066BDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14066BDTR2G ONSEMI-MC14066BDTR2G Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
More results

Similar Description - MC14066BDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016B ONSEMI-MC14016B_06 Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14066B ONSEMI-MC14066B Datasheet
276Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
MC74LVXT4066 ONSEMI-MC74LVXT4066_17 Datasheet
140Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com