Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14551B Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC14551B
Description  Quad 2-Channel Analog Multiplexer/Demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14551B Datasheet(HTML) 3 Page - ON Semiconductor

  MC14551B Datasheet HTML 1Page - ON Semiconductor MC14551B Datasheet HTML 2Page - ON Semiconductor MC14551B Datasheet HTML 3Page - ON Semiconductor MC14551B Datasheet HTML 4Page - ON Semiconductor MC14551B Datasheet HTML 5Page - ON Semiconductor MC14551B Datasheet HTML 6Page - ON Semiconductor MC14551B Datasheet HTML 7Page - ON Semiconductor MC14551B Datasheet HTML 8Page - ON Semiconductor MC14551B Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC14551B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
Characteristic
VDD
Test Conditions
Symbol
– 55
_C
25
_C
125
_C
Unit
Min
Max
Min
Typ
(Note 2)
Max
Min
Max
SUPPLY REQUIREMENTS (Voltages Referenced to VEE)
Power Supply Voltage
Range
VDD – 3.0 ≥ VSS ≥ VEE
VDD
3.0
18
3.0
18
3.0
18
V
Quiescent Current Per
Package
5.0
10
15
Control Inputs: Vin =
VSS or VDD,
Switch I/O: VEE v VI/O
v VDD, and DVswitch v
500 mV (Note 3 )
IDD
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
mA
Total Supply Current
(Dynamic Plus Quiescent,
Per Package)
5.0
10
15
TA = 25_C only (The
channel component,
(Vin – Vout)/Ron, is
not included.)
ID(AV)
(0.07
mA/kHz) f + IDD
Typical
(0.20
mA/kHz) f + IDD
(0.36
mA/kHz) f + IDD
mA
CONTROL INPUT (Voltages Referenced to VSS)
Low−Level Input Voltage
5.0
10
15
Ron = per spec,
Ioff = per spec
VIL
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
V
High−Level Input Voltage
5.0
10
15
Ron = per spec,
Ioff = per spec
VIH
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
V
Input Leakage Current
15
Vin = 0 or VDD
Iin
±0.1
±0.00001
±0.1
±1.0
mA
Input Capacitance
Cin
5.0
7.5
pF
SWITCHES IN/OUT AND COMMONS OUT/IN — W, X, Y, Z (Voltages Referenced to VEE)
Recommended Peak−to−
Peak Voltage Into or Out
of the Switch
Channel On or Off
VI/O
0
VDD
0
VDD
0
VDD
Vp–p
Recommended Static or
Dynamic Voltage Across
the Switch (Note 3)
(Figure 3)
Channel On
DVswitch
0
600
0
600
0
300
mV
Output Offset Voltage
Vin = 0 V, No Load
VOO
10
mV
ON Resistance
5.0
10
15
DVswitch v 500 mV
(Note 3),
Vin = VIL or VIH
(Control), and Vin = 0 to
VDD (Switch)
Ron
800
400
220
250
120
80
1050
500
280
1200
520
300
W
DON Resistance Between
Any Two Channels
in the Same Package
5.0
10
15
DRon
70
50
45
25
10
10
70
50
45
135
95
65
W
Off−Channel Leakage
Current (Figure 8)
15
Vin = VIL or VIH
(Control) Channel to
Channel or Any One
Channel
Ioff
±100
±0.05
±100
±1000
nA
Capacitance, Switch I/O
Switch Off
CI/O
10
pF
Capacitance, Common O/I
CO/I
17
pF
Capacitance, Feedthrough
(Channel Off)
Pins Not Adjacent
Pins Adjacent
CI/O
0.15
0.47
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Data labeled “Typ” is not to be used for design purposes, but is intended as an indication of the IC’s potential performance.
3. For voltage drops across the switch (
DVswitch) > 600 mV ( > 300 mV at high temperature), excessive VDD current may be drawn; i.e. the
current out of the switch may contain both VDD and switch input components. The reliability of the device will be unaffected unless the
Maximum Ratings are exceeded. (See first page of this data sheet.)


Similar Part No. - MC14551B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14551B MOTOROLA-MC14551B Datasheet
250Kb / 9P
   Quad 2-Channel Analog Multiplezer/Demultiplexer
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551B ONSEMI-MC14551B Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
MC14551BCP ONSEMI-MC14551BCP Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551BCP ONSEMI-MC14551BCP Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
More results

Similar Description - MC14551B

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4551B ROHM-BU4551B Datasheet
86Kb / 6P
   Quad 2-channel analog multiplexer / demultiplexer
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551B ONSEMI-MC14551B_06 Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com