Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C46RYI-GT3 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT93C46RYI-GT3
Description  1 kb Microwire Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C46RYI-GT3 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT93C46RYI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT93C46RYI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT93C46RYI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT93C46RYI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT93C46RYI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT93C46RYI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT93C46RYI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT93C46RYI-GT3 Datasheet HTML 9Page - ON Semiconductor CAT93C46RYI-GT3 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CAT93C46R
http://onsemi.com
6
Figure 5. EWEN/EWDS Instruction Timing
CS
DI
STANDBY
0
*
* ENABLE = 11
DISABLE = 00
SK
0
1
Write
After receiving a WRITE command, address and the data,
the CS (Chip Select) pin must be deselected for a minimum
of tCSMIN (See Design Note for details). The falling edge of
CS will start the self clocking clear and data store cycle of
the memory location specified in the instruction. The
clocking of the SK pin is not necessary after the device has
entered the self clocking mode. The ready/busy status of the
CAT93C46R can be determined by selecting the device and
polling the DO pin. Since this device features Auto−Clear
before write, it is NOT necessary to erase a memory location
before it is written into.
Erase
Upon receiving an ERASE command and address, the CS
(Chip Select) pin must be deasserted for a minimum of
tCSMIN after the proper number of clock pulses (See Design
Note). The falling edge of CS will start the self clocking
clear cycle of the selected memory location. The clocking of
the SK pin is not necessary after the device has entered the
self clocking mode. The ready/busy status of the
CAT93C46R can be determined by selecting the device and
polling the DO pin. Once cleared, the content of a cleared
location returns to a logical “1” state.
Erase All
Upon receiving an ERAL command, the CS (Chip Select)
pin must be deselected for a minimum of tCSMIN. The falling
edge of CS will start the self clocking clear cycle of all
memory locations in the device. The clocking of the SK pin
is not necessary after the device has entered the self clocking
mode. The ready/busy status of the CAT93C46R can be
determined by selecting the device and polling the DO pin.
Once cleared, the contents of all memory bits return to a
logical “1” state.
Write All
Upon receiving a WRAL command and data, the CS
(Chip Select) pin must be deselected for a minimum of
tCSMIN. The falling edge of CS will start the self clocking
data write to all memory locations in the device. The
clocking of the SK pin is not necessary after the device has
entered the self clocking mode. The ready/busy status of the
CAT93C46R can be determined by selecting the device and
polling the DO pin. It is not necessary for all memory
locations to be cleared before the WRAL command is
executed.
Design Note
With CAT93C46R, after the last data bit has been
sampled, Chip Select (CS) must be brought Low before the
next rising edge of the clock (SK) in order to start the
self−timed high voltage cycle. This is important because if
the CS is brought low before or after this specific frame
window, the addressed location will not be programmed or
erased.
Figure 6. Write Instruction Timing
SK
CS
DI
DO
STANDBY
HIGH−Z
HIGH−Z
10
1
BUSY
READY
STATUS
VERIFY
AN AN−1
A0
DN
D0
tCS MIN
tSV
tHZ
tEW


Similar Part No. - CAT93C46RYI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C46RYI-GT3 ONSEMI-CAT93C46RYI-GT3 Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
More results

Similar Description - CAT93C46RYI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C46B ONSEMI-CAT93C46B_18 Datasheet
193Kb / 15P
   EEPROM Serial 1-Kb Microwire
May 2018 ??Rev. 4
CAT93C46LI-G ONSEMI-CAT93C46LI-G Datasheet
173Kb / 16P
   1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
CAT93C46WI-G ONSEMI-CAT93C46WI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
CAT93C46 ONSEMI-CAT93C46 Datasheet
154Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 6
logo
Catalyst Semiconductor
CAT93C46R CATALYST-CAT93C46R Datasheet
486Kb / 13P
   1-Kb Microwire Serial EEPROM
CAT93C46 CATALYST-CAT93C46_07 Datasheet
134Kb / 15P
   1-Kb Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C46YI-G ONSEMI-CAT93C46YI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
logo
Catalyst Semiconductor
CAT93HC46 CATALYST-CAT93HC46 Datasheet
61Kb / 9P
   1-kb High Speed Microwire Serial EEPROM
CAT93HC46 CATALYST-CAT93HC46_05 Datasheet
239Kb / 9P
   1-kb High Speed Microwire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com