Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGV0431AKILFT Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 9FGV0431AKILFT
Description  4-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGV0431AKILFT Datasheet(HTML) 2 Page - Integrated Device Technology

  9FGV0431AKILFT Datasheet HTML 1Page - Integrated Device Technology 9FGV0431AKILFT Datasheet HTML 2Page - Integrated Device Technology 9FGV0431AKILFT Datasheet HTML 3Page - Integrated Device Technology 9FGV0431AKILFT Datasheet HTML 4Page - Integrated Device Technology 9FGV0431AKILFT Datasheet HTML 5Page - Integrated Device Technology 9FGV0431AKILFT Datasheet HTML 6Page - Integrated Device Technology 9FGV0431AKILFT Datasheet HTML 7Page - Integrated Device Technology 9FGV0431AKILFT Datasheet HTML 8Page - Integrated Device Technology 9FGV0431AKILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
9FGV0431
4-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
IDT®
4-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
2
9FGV0431
OCTOBER 18, 2016
Pin Configuration
SMBus Address Selection Table
Power Management Table
Power Connections
32 31 30 29 28 27 26 25
GNDXTAL 1
24 vOE2#
XIN/CLKIN_25 2
23 DIF2#
X2 3
22 DIF2
VDDXTAL1.8 4
21 VDDA1.8
VDDREF1.8 5
20 GNDA
vSADR/REF1.8 6
19 DIF1#
GNDREF 7
18 DIF1
GNDDIG 817 vOE1#
9 1011121314 15 16
32-pin MLF, 5x5 mm, 0.5mm pitch
v prefix indicates internal 120KOhm pull down resistor
9FGV0431
^ prefix indicates internal 120KOhm pull up resistor
SADR
Address
0
1101000
1
1101010
+
Read/Write Bit
x
x
State of SADR on first application
of CKPWRGD_PD#
OEx#
True O/P
Comp. O/P
0X
X
Low
Low
Hi-Z1
1
1
0
Running
Running
Running
1
0
1
Low
Low
Low
REF
CKPWRGD_PD#
SMBus
OE bit
DIFx
1. REF is Hi-Z until the 1st assertion of CKPWRGD_PD# high. After this, when
CKPWRG_PD# is low, REF is Low.
Pin Number
VDD
GND
41
57
98, 30
16, 25
15, 26
21
20
PLL Analog
REF Output
Description
XTAL Analog
Digital Power
DIF outputs


Similar Part No. - 9FGV0431AKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGV0431AKILFT IDT-9FGV0431AKILFT Datasheet
289Kb / 16P
   4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
logo
Renesas Technology Corp
9FGV0431AKILFT RENESAS-9FGV0431AKILFT Datasheet
693Kb / 17P
   4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
More results

Similar Description - 9FGV0431AKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGV0231 IDT-9FGV0231_16 Datasheet
224Kb / 15P
   2-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
9FGV0241 IDT-9FGV0241_16 Datasheet
230Kb / 15P
   2-OUTPUT VERY LOW POWER PCIE GEN1/2/3 CLOCK GENERATOR
9FGV0841 IDT-9FGV0841_17 Datasheet
261Kb / 17P
   8-Output Very Low-Power PCIe Gen1-2-3-4 Clock Generator with Zo=100ohms
logo
Diodes Incorporated
PI6CG18200 DIODES-PI6CG18200 Datasheet
1Mb / 18P
   Very Low Power 2-Output PCIe Clock Generator
Rev 5 - 2 July 2020
logo
Integrated Device Techn...
9FGU0841 IDT-9FGU0841_16 Datasheet
207Kb / 16P
   8-output 1.5V PCIe Gen1-2-3 Clock Generator
logo
Skyworks Solutions Inc.
SI52254 SKYWORKS-SI52254 Datasheet
485Kb / 31P
   4/8-Output PCIe Gen1/2/3/4/5 Clock Generator
Rev. 1.0
logo
Integrated Device Techn...
9FGV0231 IDT-9FGV0231_17 Datasheet
281Kb / 16P
   2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
logo
Renesas Technology Corp
6P41282 RENESAS-6P41282 Datasheet
633Kb / 15P
   6-Output Very Low-Power PCIe Gen1–4 Clock Generator with Zo=100Ω
Mar 2020
9FGV0231 RENESAS-9FGV0231 Datasheet
673Kb / 17P
   2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
logo
Integrated Device Techn...
9FGV0431 IDT-9FGV0431_17 Datasheet
289Kb / 16P
   4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com