Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGU0841AKLIFT Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 9FGU0841AKLIFT
Description  8-output 1.5V PCIe Gen1-2-3 Clock Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGU0841AKLIFT Datasheet(HTML) 2 Page - Integrated Device Technology

  9FGU0841AKLIFT Datasheet HTML 1Page - Integrated Device Technology 9FGU0841AKLIFT Datasheet HTML 2Page - Integrated Device Technology 9FGU0841AKLIFT Datasheet HTML 3Page - Integrated Device Technology 9FGU0841AKLIFT Datasheet HTML 4Page - Integrated Device Technology 9FGU0841AKLIFT Datasheet HTML 5Page - Integrated Device Technology 9FGU0841AKLIFT Datasheet HTML 6Page - Integrated Device Technology 9FGU0841AKLIFT Datasheet HTML 7Page - Integrated Device Technology 9FGU0841AKLIFT Datasheet HTML 8Page - Integrated Device Technology 9FGU0841AKLIFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
8-OUTPUT 1.5V PCIE GEN1-2-3 CLOCK GENERATOR W/ZO=100OHMS
2
OCTOBER 18, 2016
9FGU0841 DATASHEET
Pin Configuration
Power Management Table
SMBus Address Selection Table
Power Connections
48 47 46 45 44 43 42 41 40 39 38 37
vSS_EN_tri 1
36 DIF5#
GNDXTAL 2
35 DIF5
XIN/CLKIN_25 3
34 vOE4#
X2 4
33 DIF4#
VDDXTAL1.5 5
32 DIF4
VDDREF1.5 6
31 VDDIO
vSADR/REF1.5 7
30 VDDA1.5
GNDREF 8
29 GNDA
GNDDIG 9
28 vOE3#
SCLK_3.3 10
27 DIF3#
SDATA_3.3 11
26 DIF3
VDDDIG1.512
25vOE2#
13 14 15 16 17 18 19 20 21 22 23 24
vv prefix indicates internal 60KOhm pull down resistor
v
prefix indicates internal 120KOhm pull down resistor
^
prefix indicates internal 120KOhm pull up resistor
48-pin MLF, 6x6 mm, 0.4mm pitch
9FGU0841
OEx#
True O/P
Comp. O/P
0
X
X
Low
Low
Hi-Z1
1
1
0
Running
Running
Running
1
0
1
Low
Low
Low
REF
CKPWRGD_PD#
SMBus
OE bit
DIFx
1. REF is Hi-Z until the 1st assertion of CKPWRGD_PD# high. After this, when
CKPWRGD_PD# is low, REF is Low.
SADR
Address
0
1101000
1
1101010
State of SADR on first application
of CKPWRGD_PD#
+
Read/Write Bit
x
x
Pin Number
VDD
VDDIO
GND
5
2
XTAL OSC
68
REF Power
12
9
Digital (dirty)
Power
20,38
13,21,31,39,
47
22,29,40
DIF outputs
30
29
PLL Analog
Description


Similar Part No. - 9FGU0841AKLIFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGU0841AKLIFT RENESAS-9FGU0841AKLIFT Datasheet
400Kb / 17P
   8-output 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
More results

Similar Description - 9FGU0841AKLIFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGU0841 RENESAS-9FGU0841 Datasheet
400Kb / 17P
   8-output 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0241 IDT-9FGU0241_16 Datasheet
205Kb / 15P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGU0231 IDT-9FGU0231_16 Datasheet
197Kb / 15P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0231 RENESAS-9FGU0231 Datasheet
389Kb / 16P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0641 IDT-9FGU0641_16 Datasheet
211Kb / 15P
   6 O/P 1.5V PCIe Gen1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0431 RENESAS-9FGU0431 Datasheet
391Kb / 16P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0431 IDT-9FGU0431_16 Datasheet
198Kb / 15P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGU0441 IDT-9FGU0441_16 Datasheet
202Kb / 15P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
logo
Renesas Technology Corp
9DMU0131 RENESAS-9DMU0131 Datasheet
2Mb / 11P
   2:1 1.5V PCIe Gen1-2-3 Clock Mux
09/30/14
logo
Skyworks Solutions Inc.
SI52254 SKYWORKS-SI52254 Datasheet
485Kb / 31P
   4/8-Output PCIe Gen1/2/3/4/5 Clock Generator
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com