Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGU0831 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 9FGU0831
Description  8-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGU0831 Datasheet(HTML) 4 Page - Integrated Device Technology

  9FGU0831 Datasheet HTML 1Page - Integrated Device Technology 9FGU0831 Datasheet HTML 2Page - Integrated Device Technology 9FGU0831 Datasheet HTML 3Page - Integrated Device Technology 9FGU0831 Datasheet HTML 4Page - Integrated Device Technology 9FGU0831 Datasheet HTML 5Page - Integrated Device Technology 9FGU0831 Datasheet HTML 6Page - Integrated Device Technology 9FGU0831 Datasheet HTML 7Page - Integrated Device Technology 9FGU0831 Datasheet HTML 8Page - Integrated Device Technology 9FGU0831 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
8-O/P 1.5V PCIE GEN 1-2-3 CLOCK GENERATOR
4
OCTOBER 18, 2016
9FGU0831 DATASHEET
Pin Descriptions (cont.)
PIN #
PIN NAME
TYPE
DESCRIPTION
40
GND
GND
Ground pin.
41
DIF6
OUT
Differential true clock output
42
DIF6#
OUT
Differential Complementary clock output
43
vOE6#
IN
Active low input for enabling DIF pair 6. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
44
DIF7
OUT
Differential true clock output
45
DIF7#
OUT
Differential Complementary clock output
46
vOE7#
IN
Active low input for enabling DIF pair 7. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
47
VDDIO
PWR
Power supply for differential outputs
48
^CKPWRGD_PD#
IN
Input notifies device to sample latched inputs and start up on first high
assertion. Low enters Power Down Mode, subsequent high assertions exit
Power Down Mode. This pin has internal pull-up resistor.


Similar Part No. - 9FGU0831

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGU0831 IDT-9FGU0831 Datasheet
191Kb / 16P
   Programmable Slew rate for each output
logo
Renesas Technology Corp
9FGU0831 RENESAS-9FGU0831 Datasheet
384Kb / 17P
   8-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
OCTOBER 18, 2016
9FGU0831AKILF RENESAS-9FGU0831AKILF Datasheet
384Kb / 17P
   8-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
OCTOBER 18, 2016
9FGU0831AKILFT RENESAS-9FGU0831AKILFT Datasheet
384Kb / 17P
   8-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
OCTOBER 18, 2016
9FGU0831AKLF RENESAS-9FGU0831AKLF Datasheet
384Kb / 17P
   8-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
OCTOBER 18, 2016
More results

Similar Description - 9FGU0831

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGU0831 RENESAS-9FGU0831 Datasheet
384Kb / 17P
   8-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
OCTOBER 18, 2016
9FGU0631 RENESAS-9FGU0631 Datasheet
394Kb / 16P
   6-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0631 IDT-9FGU0631_16 Datasheet
202Kb / 15P
   6-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
9FGV0841 IDT-9FGV0841_16 Datasheet
280Kb / 17P
   8-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
9FGV0831 IDT-9FGV0831_16 Datasheet
339Kb / 17P
   8-O/P 1.8V PCIe Gen 1/2/3 Clock Generator
9FGU0241 IDT-9FGU0241_16 Datasheet
205Kb / 15P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGU0231 IDT-9FGU0231_16 Datasheet
197Kb / 15P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0231 RENESAS-9FGU0231 Datasheet
389Kb / 16P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGV0641 IDT-9FGV0641_16 Datasheet
210Kb / 15P
   6-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
9FGV0631 IDT-9FGV0631_16 Datasheet
207Kb / 15P
   6-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com